Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL24006IRZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL24006IRZ-T7
Description  14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24006IRZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL24006IRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL24006IRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL24006IRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL24006IRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL24006IRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL24006IRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL24006IRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL24006IRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL24006IRZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6110.1
September 9, 2005
Pin Descriptions
PIN NUMBER
PIN NAME
PIN TYPE
PIN FUNCTION
1
OUT REFU_H
Analog Output
Analog output of VREFU_H
2, 21
AVDD
Analog Power
Power supply for analog circuit
3
STD_REG
Logic Input
Selects mode, high = standard, low = register
4
A0
Logic Input
I2C device address input, bit 0; when LO, hex address = 74; when HI, hex
address = 75
5
SDA
Input/Output
I2C data
6
SCL
Logic Input
I2C clock
7
OSC
Input/Output
Input clock reference
8
DVDD
Digital Power
Power supply for digital circuit
9
BANK_SEL
Digital Signal
Select one of two sets of gamma voltages
10, 24, 25
NC
Not connected
28, 30, 11
GND
GND
Ground
12
OUT REFL_L
Analog Output
Analog output of VREFL_L
13, 14, 15, 16, 17,
18, 19
OUT8 - OUT14
Analog Output
Analog output voltages in lower range
20
OUT REFL_H
Analog Output
Analog output of VREFL_H
22
VREFU_H
Reference
High reference for upper seven output voltages
23
VREFU_L
Reference
Low reference for upper seven output voltages
26
VREFL_H
Reference
High reference for lower seven output voltages
27
VREFL_L
Reference
Low reference for lower seven output voltages
29
BG
Analog Bypass Pin
Decoupling capacitor for internal reference generator
31
OUT REFU_L
Analog Output
Analog output of VREFU_L
32, 33, 34, 35, 36,
37, 38
OUT1 - OUT7
Analog Output
Analog output voltages in upper range
ISL24006


Similar Part No. - ISL24006IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24006IRZ-T7 INTERSIL-ISL24006IRZ-T7 Datasheet
438Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
More results

Similar Description - ISL24006IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24006 INTERSIL-ISL24006_06 Datasheet
438Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
ISL24002 INTERSIL-ISL24002 Datasheet
113Kb / 6P
   14-Channel Static TFT LCD Reference Voltage Generator with 1-Channel VCOM
July 14, 2008
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Renesas Technology Corp
ISL24858 RENESAS-ISL24858 Datasheet
199Kb / 2P
   15-Channel I2C Programmable TFT-LCD Reference Voltage Generator with Integrated EEPROM, and Ultra-Low Power Operation
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com