Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59440IAZ-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL59440IAZ-T13
Description  400MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59440IAZ-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL59440IAZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59440IAZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59440IAZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59440IAZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59440IAZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59440IAZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59440IAZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL59440IAZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL59440IAZ-T13 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6162.1
September 21, 2005
Ground Connections
For the best isolation and crosstalk rejection, the GND pin
and NIC pins must connect to the GND plane.
Control Signals
S0, S1, ENABLE, HIZ - These pins are TTL/CMOS
compatible control inputs. The S0 pin selects which one of
the inputs connect to the output. The ENABLE, HIZ pins are
used to disable the part to save power and three-state the
output amplifiers, respectively. For control signal rise and fall
times less than 10ns the use of termination resistors close to
the part will minimize transients coupled to the output.
Power-Up Considerations
The ESD protection circuits use internal diodes from all pins
the V+ and V- supplies. In addition, a dV/dT- triggered clamp
is connected between the V+ and V- pins, as shown in the
Equivalent Circuits 1 through 4 section of the Pin Description
table. The dV/dT triggered clamp imposes a maximum
supply turn-on slew rate of 1V/µs. Damaging currents can
flow for power supply rates-of-rise in excess of 1V/µs, such
as during hot plugging. Under these conditions, additional
methods should be employed to ensure the rate of rise is not
exceeded.
Consideration must be given to the order in which power is
applied to the V+ and V- pins, as well as analog and logic
input pins. Schottky diodes (Motorola MBR0550T or
equivalent) connected from V+ to ground and V- to ground
(Figure 26) will shunt damaging currents away from the
internal V+ and V- ESD diodes in the event that the V+
supply is applied to the device before the V- supply.
If positive voltages are applied to the logic or analog video
input pins before V+ is applied, current will flow through the
internal ESD diodes to the V+ pin. The presence of large
decoupling capacitors and the loading effect of other circuits
connected to V+, can result in damaging currents through
the ESD diodes and other active circuits within the device.
Therefore, adequate current limiting on the digital and
analog inputs is needed to prevent damage during the time
the voltages on these inputs are more positive than V+.
HIZ State
An internal pull-down resistor connected to the HIZ pin
ensures the device will be active with no connection to the
HIZ pin. The HIZ state is established within approximately
30ns (Figure 18) by placing a logic high (> 2V) on the HIZ
pin. If the HIZ state is selected, the output is a high
impedance 1.4M
Ω. Use this state to control the logic when
more than one mux shares a common output.
In the HIZ state the output is three-stated, and maintains its
high Z even in the presence of high slew rates. The supply
current during this state is basically the same as the active
state.
ENABLE & Power Down States
The enable pin is active low. An internal pull-down resistor
ensures the device will be active with no connection to the
ENABLE pin. The Power Down state is established when a
logic high (>2V) is placed on the ENABLE pin. In the Power
Down state, the output has no leakage but has a large
capacitance (on the order of 15pF), and is capable of being
back-driven. Under this condition, large incoming slew rates
can cause fault currents of tens of mA. Do not use this
state as a high Z state for applications driving more than
one mux on a common output.
Limiting the Output Current
No output short circuit current limit exists on this part. All
applications need to limit the output current to less than
50mA. Adequate thermal heat sinking of the parts is also
required.
V+
V+
V-
V-
V+
V-
V+
V-
LOGIC
CONTROL
GND
IN0
IN1
S0
OUT
EXTERNAL
CIRCUITS
SCHOTTKY
PROTECTION
V+
V-
POWER
GND
SIGNAL
LOGIC
V+ SUPPLY
V- SUPPLY
DE-COUPLING
CAPS
FIGURE 26. SCHOTTKY PROTECTION CIRCUIT
ISL59440


Similar Part No. - ISL59440IAZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59440IAZ INTERSIL-ISL59440IAZ Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IAZ RENESAS-ISL59440IAZ Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
More results

Similar Description - ISL59440IAZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com