Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5013-X-GM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SI5013-X-GM
Description  OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI5013-X-GM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SI5013-X-GM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5013-X-GM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5013-X-GM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5013-X-GM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5013-X-GM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5013-X-GM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5013-X-GM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5013-X-GM Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5013-X-GM Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Si5013
8
Rev. 1.4
Table 3. AC Characteristics (Clock and Data)
(VDD =3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Clock Rate
fCLK
Rate Sel = 1
Rate Sel = 0
616
154
675
158
MHz
Output Rise Time—OC-12
tR
Figure 3
125
155
ps
Output Fall Time—OC-12
tF
Figure 3
125
155
ps
Output Clock Duty Cycle—
OC-12/3
47
50
53
% of
UI
Clock to Data Delay
OC-12
OC-3
tCr-D
Figure 2
800
4000
840
4100
900
4200
ps
Clock to Data Delay
OC-12
OC-3
tCf-D
Figure 2
10
800
35
850
60
1000
ps
Input Return Loss
100 kHz–622 MHz
–15
dB
Slicing Level Offset1
(relative to the internally set
input common mode voltage)
VSLICE
SLICE_LVL = 750 mV to 2.25 V
–15
15
mV
Slicing Level Accuracy
SLICE_LVL = 750 mV to 2.25 V
±5
mV
Loss-of-Signal Range2
(peak-to-peak differential)
VLOS
LOS_LVL = 1.50 to 2.50 V
0
40
mV
Loss-of-Signal Response Time
tLOS
Figure 5 on page 6
8
20
25
µs
Notes:
1. Adjustment voltage (relative to the internally set input common mode voltage) is calculated as follows:
VSLICE = (SLICE_LVL – 1.50)/50.
2. Adjustment voltage is calculated as follows:
VLOS = (LOS_LVL – 1.50)/25.


Similar Part No. - SI5013-X-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5013-X-GM SILABS-SI5013-X-GM Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results

Similar Description - SI5013-X-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT94L55 EXAR-XRT94L55 Datasheet
53Kb / 2P
   SONET/SDH OC-48/STM-16, 4XOC-12/STM-4, 16XOC-3/STM-1 FRAMER/CONCENTRATOR WITH INTEGRATED CDR?셎
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
   SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com