Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C066G102D2CH5CA Datasheet(PDF) 6 Page - Kemet Corporation

Part # C066G102D2CH5CA
Description  MILITARY SPECIFCATIONS ON BACK
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C066G102D2CH5CA Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C066G102D2CH5CA Datasheet HTML 2Page - Kemet Corporation C066G102D2CH5CA Datasheet HTML 3Page - Kemet Corporation C066G102D2CH5CA Datasheet HTML 4Page - Kemet Corporation C066G102D2CH5CA Datasheet HTML 5Page - Kemet Corporation C066G102D2CH5CA Datasheet HTML 6Page - Kemet Corporation C066G102D2CH5CA Datasheet HTML 7Page - Kemet Corporation C066G102D2CH5CA Datasheet HTML 8Page - Kemet Corporation C066G102D2CH5CA Datasheet HTML 9Page - Kemet Corporation C066G102D2CH5CA Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
CERAMIC CONFORMALLY COATED/AXIAL
“AXIMAX”
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
6
KEMET
®
CAPACITANCE OUTLINE DRAWING
MAXIMUM DIMENSIONS—INCHES & (MILLIMETERS)
ORDERING INFORMATION
MARKING INFORMATION
LD
STYLE
L
D
LL
MAX
MAX
MIN
C410
.170 (4.32)
.100 (2.54)
.020 (.51)
1.0 (25.4)
C412
.170 (4.32)
.120 (3.05)
.020 (.51)
1.0 (25.4)
C420
.260 (6.60)
.100 (2.54)
.020 (.51)
1.0 (25.4)
C430
.290 (7.37)
.150 (3.81)
.020 (.51)
1.0 (25.4)
C440
.400 (10.16)
.150 (3.81)
.020 (.51)
1.0 (25.4)
+.001, -.003
(+.025, -.076)
M
104
410
C
5
C
A
U
5
C
CERAMIC
CASE SIZE
(See Table of Dimensions above)
SPECIFICATION
C — Standard
CAPACITANCE
Expressed in Picofarad Code (pF)
First Two Digits — Significant Figures
Third Digit — Number of Zeros
FAILURE RATE
INTERNAL CONSTRUCTION
CAPACITANCE TOLERANCE
J —
±5%
K —
±10%
M —
±20%
Z — –20 +80%
A — Not Applicable
LEAD MATERIAL
C — Standard
5 — Standard
DIELECTRIC
EIA Designation
G — C0G (NPO) — Ultra-Stable
R — X7R — Stable
U — Z5U — General Purpose
RATED VOLTAGE
1 — 100 Volts
5 — 50 Volts
*
*Part Number Example: C410C104M5U5CA (14 digits – no spaces)
LL
L
D
LD
K5R
104K
AB
0037
Manufacturer
(KEMET)
Rated Voltage
5 - 50 volts
1 - 100 volts
Dielectric
G – C0G/NP0
R – X7R
U – Z5U
Capacitance
Tolerance
Capacitance
Code
Lot
Code
Date
Code
0988 Layout rev
8/9/2000 9:54 AM
Page 6


Similar Part No. - C066G102D2CH5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C066G102D2C0G5CA KEMET-C066G102D2C0G5CA Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
C066G102D2C0G5CM KEMET-C066G102D2C0G5CM Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
C066G102D2C0G5CP KEMET-C066G102D2C0G5CP Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
C066G102D2C0G5CR KEMET-C066G102D2C0G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
C066G102D2C0G5CS KEMET-C066G102D2C0G5CS Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
More results

Similar Description - C066G102D2CH5CA

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
KBJ8A YEASHIN-KBJ8A Datasheet
428Kb / 2P
   TECHNICAL SPECIFCATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Taoglas antenna solutio...
FXR.07.A TAOGLAS-FXR.07.A Datasheet
3Mb / 10P
   Peel and stick 3M adhesive on back
logo
Microsemi Corporation
1N3611 MICROSEMI-1N3611 Datasheet
52Kb / 2P
   MILITARY RECTIFIERS
1N5615 MICROSEMI-1N5615 Datasheet
51Kb / 2P
   MILITARY RECTIFIERS
JAN1N3611 MICROSEMI-JAN1N3611 Datasheet
64Kb / 2P
   MILITARY RECTIFIERS
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Microsemi Corporation
1N4245 MICROSEMI-1N4245 Datasheet
41Kb / 2P
   MILITARY RECTIFIERS
logo
Vishay Siliconix
MIL-PRF-83401 VISHAY-MIL-PRF-83401 Datasheet
502Kb / 2P
   MILITARY NETWORKS
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
logo
Microsemi Corporation
1N5614 MICROSEMI-1N5614 Datasheet
53Kb / 2P
   MILITARY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com