Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC245A Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC245A
Description  Octal 3-State Noninverting Bus Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC245A Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC245A Datasheet HTML 1Page - ON Semiconductor MC74HC245A Datasheet HTML 2Page - ON Semiconductor MC74HC245A Datasheet HTML 3Page - ON Semiconductor MC74HC245A Datasheet HTML 4Page - ON Semiconductor MC74HC245A Datasheet HTML 5Page - ON Semiconductor MC74HC245A Datasheet HTML 6Page - ON Semiconductor MC74HC245A Datasheet HTML 7Page - ON Semiconductor MC74HC245A Datasheet HTML 8Page - ON Semiconductor MC74HC245A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74HC245A
http://onsemi.com
5
VCC
GND
tf
tr
INPUT
A OR B
OUTPUT
B OR A
10%
50%
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
Figure 3. Switching Waveform
OUTPUT
ENABLE
A OR B
A OR B
50%
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
VCC
GND
50%
Figure 4. Switching Waveform
DIRECTION
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
Figure 5. Test Circuit
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 6. Test Circuit
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
W


Similar Part No. - MC74HC245A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC245A ONSEMI-MC74HC245A Datasheet
115Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 12
MC74HC245A ONSEMI-MC74HC245A Datasheet
91Kb / 7P
   Octal 3-State Noninverting Bus Transceiver
November, 2014 ??Rev. 16
MC74HC245ADT ONSEMI-MC74HC245ADT Datasheet
115Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 12
MC74HC245ADTG ONSEMI-MC74HC245ADTG Datasheet
115Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 12
MC74HC245ADTG ONSEMI-MC74HC245ADTG Datasheet
91Kb / 7P
   Octal 3-State Noninverting Bus Transceiver
November, 2014 ??Rev. 16
More results

Similar Description - MC74HC245A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV623 INTEGRAL-IN74LV623 Datasheet
133Kb / 5P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
KODENSHI_AUK CORP.
KK74LS245 KODENSHI-KK74LS245 Datasheet
349Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
KK74LV623 KODENSHI-KK74LV623 Datasheet
270Kb / 6P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
System Logic Semiconduc...
SL74LS245 SLS-SL74LS245 Datasheet
44Kb / 4P
   Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74LS245 INTEGRAL-IN74LS245 Datasheet
332Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
IN74ACT623 INTEGRAL-IN74ACT623 Datasheet
189Kb / 5P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LS245 IKSEMICON-IN74LS245 Datasheet
259Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
logo
System Logic Semiconduc...
SL74HC245 SLS-SL74HC245 Datasheet
49Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74HC245 INTEGRAL-IN74HC245 Datasheet
110Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
IN74HC623 INTEGRAL-IN74HC623 Datasheet
108Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com