Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83088EIB-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL83088EIB-T
Description  -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83088EIB-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL83088EIB-T Datasheet HTML 3Page - Intersil Corporation ISL83088EIB-T Datasheet HTML 4Page - Intersil Corporation ISL83088EIB-T Datasheet HTML 5Page - Intersil Corporation ISL83088EIB-T Datasheet HTML 6Page - Intersil Corporation ISL83088EIB-T Datasheet HTML 7Page - Intersil Corporation ISL83088EIB-T Datasheet HTML 8Page - Intersil Corporation ISL83088EIB-T Datasheet HTML 9Page - Intersil Corporation ISL83088EIB-T Datasheet HTML 10Page - Intersil Corporation ISL83088EIB-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN6085.6
September 12, 2005
Driver Disable from Output High
tHZ
RL = 500Ω, CL = 15pF, SW = GND (Figure 3)
Full
-
38
100
ns
Time to Shutdown
tSHDN
(Notes 9, 12)
Full
60
160
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND (Figure 3),
(Notes 9, 10)
Full
-
260
1500
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC (Figure 3),
(Notes 9, 10)
Full
-
155
1500
ns
DRIVER SWITCHING CHARACTERISTICS (10Mbps Versions; ISL83086E, ISL83088E)
Driver Differential Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
20
60
ns
Driver Differential Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
1
10
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
13
25
ns
Maximum Data Rate
fMAX
CD = 470pF (Figure 4, Note 12)
Full
10
15
-
Mbps
Driver Enable to Output High
tZH
RL = 500Ω, CL = 100pF, SW = GND (Figure 3),
(Note 7)
Full
-
35
150
ns
Driver Enable to Output Low
tZL
RL = 500Ω, CL = 100pF, SW = VCC (Figure 3),
(Note 7)
Full
-
30
150
ns
Driver Disable from Output Low
tLZ
RL = 500Ω, CL = 15pF, SW = VCC (Figure 3)
Full
-
66
100
ns
Driver Disable from Output High
tHZ
RL = 500Ω, CL = 15pF, SW = GND (Figure 3)
Full
-
38
100
ns
Time to Shutdown
tSHDN
(Notes 9, 12)
Full
60
160
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND (Figure 3),
(Notes 9, 10)
Full
-
115
250
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC (Figure 3),
(Notes 9, 10)
Full
-
84
250
ns
RECEIVER SWITCHING CHARACTERISTICS (115kbps and 500kbps Versions; ISL83080E-ISL83085E)
Maximum Data Rate
fMAX
(Figure 5, Note 12)
Full
0.5
10
-
Mbps
Receiver Input to Output Delay
tPLH, tPHL (Figure 5)
Full
-
100
150
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 5)
Full
-
7
10
ns
Receiver Enable to Output Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6),
(Note 8)
Full
-
10
50
ns
Receiver Enable to Output High
tZH
RL = 1kΩ, CL = 15pF, SW = GND (Figure 6),
(Note 8)
Full
-
10
50
ns
Receiver Disable from Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6)
Full
-
10
50
ns
Receiver Disable from Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 6)
Full
-
10
50
ns
Time to Shutdown
tSHDN
(Notes 9, 12)
Full
60
160
600
ns
Receiver Enable from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 6),
(Notes 9, 11)
Full
-
150
2000
ns
Receiver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6),
(Notes 9, 11)
Full
-
150
2000
ns
RECEIVER SWITCHING CHARACTERISTICS (10Mbps Versions; ISL83086E, ISL83088E)
Maximum Data Rate
fMAX
(Figure 5, Note 12)
Full
10
15
-
Mbps
Receiver Input to Output Delay
tPLH, tPHL (Figure 5)
Full
-
70
125
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 5)
Full
-
0
10
ns
Receiver Enable to Output Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6),
(Note 8)
Full
-
10
30
ns
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = 25°C
(Note 4) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ISL83080E, ISL83082E, ISL83083E, ISL83085E, ISL83086E, ISL83088E


Similar Part No. - ISL83088EIB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83088EIB INTERSIL-ISL83088EIB Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83088EIBZ INTERSIL-ISL83088EIBZ Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83088EIBZ RENESAS-ISL83088EIBZ Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83088EIB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com