Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RC816F150C Datasheet(PDF) 1 Page - Schneider Electric

Part No. RC816F150C
Description  METER MAIN RINGLESS OH/UG 150A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RC816F150C Datasheet(HTML) 1 Page - Schneider Electric

  RC816F150C Datasheet HTML 1Page - Schneider Electric RC816F150C Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
RC816F150C
METER MAIN RINGLESS OH/UG 150A
Product availability : Stock - Normally stocked in distribution facility
Price** : 1,187.00 USD
Main
Product or component type
Meter Mains
Range of product
Homeline
Complementary
Line Rated Current
150 A
Short-circuit current
22 kA
Network number of phases
1
Meter socket type
Ringless
Mounting
Surface
Number of spaces
8
Mounting
Surface
Number of circuits
16
Number of Tandem Breakers
8
Hub type
A
Electrical connection
Lugs line side
Feed-thru lugs service ground
Wire Size
AWG 6...350 kcmil aluminium/copper)line side
AWG 12...AWG 2/0 aluminium/copper)service ground
Disconnect
Service disconnect (factory installed)
Main Breaker Rating
150 A
Branch Breaker Rating
150 A
Service feed location
OH
UG
Bypass type
No bypass
Depth
5.07 in (128.78 mm)
Width
14.37 in (365.00 mm)
Height
35.13 in (892.30 mm)
Mar 30, 2020
1


Similar Part No. - RC816F150C

ManufacturerPart No.DatasheetDescription
Schneider Electric
Schneider Electric
RC816F150CH SCHNEIDER-RC816F150CH Datasheet
93Kb / 2P
   METER MAIN RINGLESS HORN OH/UG 150A
More results

Similar Description - RC816F150C

ManufacturerPart No.DatasheetDescription
Schneider Electric
Schneider Electric
QC816F150C SCHNEIDER-QC816F150C Datasheet
101Kb / 2P
   METER MAIN RINGLESS OH/UG 150A
RC816F150CH SCHNEIDER-RC816F150CH Datasheet
93Kb / 2P
   METER MAIN RINGLESS HORN OH/UG 150A
QC816F150CH SCHNEIDER-QC816F150CH Datasheet
105Kb / 2P
   METER MAIN RINGLESS HORN OH/UG 150A
QC816F125C SCHNEIDER-QC816F125C Datasheet
89Kb / 2P
   METER MAIN RINGLESS OH/UG 125A
QC816F200C SCHNEIDER-QC816F200C Datasheet
100Kb / 2P
   METER MAIN RINGLESS OH/UG 200A
QC12L200C SCHNEIDER-QC12L200C Datasheet
114Kb / 2P
   METER MAIN RINGLESS OH/UG 200A
RC8L125S SCHNEIDER-RC8L125S Datasheet
114Kb / 2P
   METER MAIN RINGLESS OH/UG 125A
RC12L200C SCHNEIDER-RC12L200C Datasheet
114Kb / 2P
   METER MAIN RINGLESS OH/UG 200A
RC816F200C SCHNEIDER-RC816F200C Datasheet
89Kb / 2P
   METER MAIN RINGLESS OH/UG 200A
QC816F100CH SCHNEIDER-QC816F100CH Datasheet
113Kb / 2P
   METER MAIN RINGLESS HORN OH/UG 100A
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz