Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC1GU04DTT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HC1GU04DTT1
Description  Single Unbuffered Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1GU04DTT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC1GU04DTT1 Datasheet HTML 1Page - ON Semiconductor MC74HC1GU04DTT1 Datasheet HTML 2Page - ON Semiconductor MC74HC1GU04DTT1 Datasheet HTML 3Page - ON Semiconductor MC74HC1GU04DTT1 Datasheet HTML 4Page - ON Semiconductor MC74HC1GU04DTT1 Datasheet HTML 5Page - ON Semiconductor MC74HC1GU04DTT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74HC1GU04
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25_C
TA v 85_C
*55_C v TA v 125_C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High−Level
Input Voltage
2.0
3.0
4.5
6.0
1.7
2.45
3.60
4.80
1.7
2.45
3.60
4.80
1.7
2.45
3.60
4.80
V
VIL
Maximum Low−Level
Input Voltage
2.0
3.0
4.5
6.0
0.3
0.5
0.9
1.20
0.3
0.5
0.9
1.20
0.3
0.5
0.9
1.20
V
VOH
Minimum High−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOH = −20 mA
2.0
3.0
4.5
6.0
1.8
2.7
4.0
5.5
2.0
3.0
4.5
5.9
1.8
2.7
4.0
5.5
1.8
2.7
4.0
5.5
V
VIN = VIH or VIL
IOH = −2 mA
IOH = −2.6 mA
4.5
6.0
4.18
5.68
4.33
5.76
4.13
5.63
4.08
5.58
VOL
Maximum Low−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 20 mA
2.0
3.0
4.5
6.0
0.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 2 mA
IOL = 2.6 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.40
0.40
IIN
Maximum Input
Leakage Current
VIN = 6.0 V or GND
6.0
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
6.0
1.0
10
40
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 6.0 ns)
TA = 25_C
TA v 85_C
*55_C v TA v 125_C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
t
Maximum
Propagation Delay
VCC = 5.0 V
CL = 15 pF
3
15
20
25
ns
tPHL
Propagation Delay,
Input A or B to Y
VCC = 2.0 V
CL = 50 pF
VCC = 3.0 V
VCC = 4.5 V
VCC = 6.0 V
17
9
7
6.5
100
27
20
17
125
35
25
21
155
90
35
26
tTLH,
t
Output Transition
Time
VCC = 5.0 V
CL = 15 pF
4
10
15
20
ns
tTHL
Time
VCC = 2.0 V
CL = 50 pF
VCC = 3.0 V
VCC = 4.5 V
VCC = 6.0 V
25
16
12
10
125
35
25
21
155
45
31
26
200
60
38
32
CIN
Maximum Input
Capacitance
5
10
10
10
pF
Typical @ 25
_C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Note 6)
10
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74HC1GU04DTT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1GU04DTT1G ONSEMI-MC74HC1GU04DTT1G Datasheet
115Kb / 6P
   Single Unbuffered Inverter
May, 2011 ??Rev. 9
MC74HC1GU04DTT1G ONSEMI-MC74HC1GU04DTT1G Datasheet
290Kb / 10P
   Single Unbuffered Inverter
April, 2022 ??Rev. 14
More results

Similar Description - MC74HC1GU04DTT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_07 Datasheet
78Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04DF1G ONSEMI-MC74VHC1GU04DF1G Datasheet
72Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
NL17SZU04 ONSEMI-NL17SZU04_V01 Datasheet
157Kb / 13P
   Single Unbuffered Inverter
June, 2022 - Rev. 12
logo
Nexperia B.V. All right...
74HC1GU04_Q100 NEXPERIA-74HC1GU04_Q100 Datasheet
244Kb / 13P
   Single unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLVVHC1GU04 ONSEMI-NLVVHC1GU04 Datasheet
71Kb / 5P
   Single Unbuffered Inverter
November, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74HC1GU04 NEXPERIA-74HC1GU04 Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
logo
ON Semiconductor
NLU1GU04 ONSEMI-NLU1GU04 Datasheet
98Kb / 8P
   Single Unbuffered Inverter
March, 2008 - Rev. 1
MC74HC1GU04 ONSEMI-MC74HC1GU04_11 Datasheet
115Kb / 6P
   Single Unbuffered Inverter
May, 2011 ??Rev. 9
logo
Nexperia B.V. All right...
74HC1GU04-Q100 NEXPERIA-74HC1GU04-Q100 Datasheet
234Kb / 13P
   Single unbuffered inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_V01 Datasheet
170Kb / 16P
   Single Unbuffered Inverter
April, 2022 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com