Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDCHR0603-22N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMDCHR0603-22N
Description  MINIATURE SMD CHIP INDUCTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMDCHR0603-22N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMDCHR0603-22N Datasheet HTML 1Page - List of Unclassifed Manufacturers SMDCHR0603-22N Datasheet HTML 2Page - List of Unclassifed Manufacturers SMDCHR0603-22N Datasheet HTML 3Page - List of Unclassifed Manufacturers SMDCHR0603-22N Datasheet HTML 4Page - List of Unclassifed Manufacturers SMDCHR0603-22N Datasheet HTML 5Page - List of Unclassifed Manufacturers SMDCHR0603-22N Datasheet HTML 6Page - List of Unclassifed Manufacturers SMDCHR0603-22N Datasheet HTML 7Page - List of Unclassifed Manufacturers SMDCHR0603-22N Datasheet HTML 8Page - List of Unclassifed Manufacturers SMDCHR0603-22N Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Shape and Size :(Dimennsions are in mm )
Features :
Ordering Information :
Miniature SMD chip inductors have been designed
S M D C H G R 1 0 0 8 - 4 7 N G
especially for the need of today's high frequency
(1)
(2) (3) (4)
(5)
(6) (7)
designer.
(1)Type : Surface Mount Devices .
Their ceramic construction delivers the highest
(2)Material : CH : Ceramic, F : Ferrite Core .
possible SRF's and Q values.
(3)Terminal G : with Gold wraparound .
The non-magnetic coilform also assures the utmost
S : with PD/Pt/Ag wraparound
in thermal stability, predictability, and batch
(Only for SMDFSR Type)
consistency.
(4)Packaging R : Tape and Reel .
Their ferrite core inductors have lower DCR and
(5)Type 1008 : L=0.1 Inch W=0.08 Inch
higher current ratings. The inductance values from
(6)Inductance : 47N for 47 nH .
1.2 to 10uH.
(7)Inductance tolerance :
G:±2% ; J : ±5% ; K : ±10% ; M : ±20% .
Inductance and rated current ranges :
Characteristics :
SMDCHGR0603
1.6~270nH
0.7~0.17A
Rated DC current : Based on the temperature rise
SMDCHGR0805
2.2~820nH
0.6~0.18A
not exceeding 15
.
SMDCHGR1008
10~10000nH
1.0~0.16A
Operating temp. : -40
to 125
(Ceramic)
SMDFSR1008
1.2~10.0uH
0.65~0.30A
-40
SMDCHGR1210
10~4700nH
1.0~0.23A
Applications :
Test equipments :
Pagers, Cordless phone .
L & Q & SRF : HP4291B RF Impedance Analyzer
High Freq. Communication Products .
with HP16193A test fixture.
GPS(Global Position System) .
DCR : Milli-ohm meter .
Electrical specifications at 25
.
SMD 0603
0805
1008
1210 TYPE
MINIATURE SMD CHIP INDUCTORS
3.1


Similar Part No. - SMDCHR0603-22N

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDC1-1000 SEMPO-SMDC1-1000 Datasheet
49Kb / 1P
   RECTIFIER DIODE
SMDC1-1200 SEMPO-SMDC1-1200 Datasheet
47Kb / 1P
   RECTIFIER DIODE
SMDC1-1500 SEMPO-SMDC1-1500 Datasheet
49Kb / 1P
   RECTIFIER DIODE
SMDC1-2000 SEMPO-SMDC1-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDC1-2500 SEMPO-SMDC1-2500 Datasheet
49Kb / 1P
   RECTIFIER DIODE
More results

Similar Description - SMDCHR0603-22N

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP03TN4N3H00D MURATA-LQP03TN4N3H00D Datasheet
28Kb / 2P
   Chip Inductors (Chip Coils)(SMD)
LQP03TN27NJ00D MURATA-LQP03TN27NJ00D Datasheet
28Kb / 2P
   Chip Inductors (Chip Coils)(SMD)
logo
ECM Electronics Limited...
LNC30T ECM-LNC30T Datasheet
130Kb / 3P
   SMD Ferrite Chip Inductors
LNQ32T ECM-LNQ32T Datasheet
135Kb / 4P
   SMD Ferrite Chip Inductors
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808_15 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
Central Technologies
CT1008CSF CT-CT1008CSF Datasheet
206Kb / 1P
   SMD Wire-wound Chip Inductors
CT1206CSF CT-CT1206CSF Datasheet
160Kb / 1P
   SMD Wire-wound Chip Inductors
CT1210LSC CT-CT1210LSC Datasheet
183Kb / 1P
   SMD Wire-wound Chip Inductors
CT0603LS CT-CT0603LS Datasheet
206Kb / 1P
   SMD Wire-wound Chip Inductors
logo
Shanghai Leiditech Elec...
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
   SMD Ceramic Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com