Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC245ADWR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC245ADWR2
Description  Octal 3-State Noninverting Bus Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC245ADWR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC245ADWR2 Datasheet HTML 1Page - ON Semiconductor MC74HC245ADWR2 Datasheet HTML 2Page - ON Semiconductor MC74HC245ADWR2 Datasheet HTML 3Page - ON Semiconductor MC74HC245ADWR2 Datasheet HTML 4Page - ON Semiconductor MC74HC245ADWR2 Datasheet HTML 5Page - ON Semiconductor MC74HC245ADWR2 Datasheet HTML 6Page - ON Semiconductor MC74HC245ADWR2 Datasheet HTML 7Page - ON Semiconductor MC74HC245ADWR2 Datasheet HTML 8Page - ON Semiconductor MC74HC245ADWR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 11
1
Publication Order Number:
MC74HC245A/D
MC74HC245A
Octal 3−State Noninverting
Bus Transceiver
High−Performance Silicon−Gate CMOS
The MC74HC245A is identical in pinout to the LS245. The device
inputs are compatible with standard CMOS outputs; with pull−up
resistors, they are compatible with LSTTL outputs.
The HC245A is a 3−state noninverting transceiver that is used for
2−way asynchronous communication between data buses. The device
has an active−low Output Enable pin, which is used to place the I/O
ports into high−impedance states. The Direction control determines
whether data flows from A to B or from B to A.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Moisture Sensitivity: MSL1 for All Packages
Chip Complexity: 308 FETs or 77 Equivalent Gates
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
20
1
1
20
MARKING
DIAGRAMS
SOIC−20
DW SUFFIX
CASE 751D
74HC245A
AWLYYWWG
HC
245A
ALYW
G
G
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
F SUFFIX
CASE 967
74HC245A
AWLYWWG
1
1
1
20
1
20
20
20
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
PDIP−20
N SUFFIX
CASE 738
1
20
MC74HC245AN
AWLYYWWG
1
20
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Package
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - MC74HC245ADWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC245ADWR2 ONSEMI-MC74HC245ADWR2 Datasheet
115Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 12
MC74HC245ADWR2G ONSEMI-MC74HC245ADWR2G Datasheet
115Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 12
MC74HC245ADWR2G ONSEMI-MC74HC245ADWR2G Datasheet
91Kb / 7P
   Octal 3-State Noninverting Bus Transceiver
November, 2014 ??Rev. 16
More results

Similar Description - MC74HC245ADWR2

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV623 INTEGRAL-IN74LV623 Datasheet
133Kb / 5P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
KODENSHI_AUK CORP.
KK74LS245 KODENSHI-KK74LS245 Datasheet
349Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
KK74LV623 KODENSHI-KK74LV623 Datasheet
270Kb / 6P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
System Logic Semiconduc...
SL74LS245 SLS-SL74LS245 Datasheet
44Kb / 4P
   Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74LS245 INTEGRAL-IN74LS245 Datasheet
332Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
IN74ACT623 INTEGRAL-IN74ACT623 Datasheet
189Kb / 5P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LS245 IKSEMICON-IN74LS245 Datasheet
259Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
logo
System Logic Semiconduc...
SL74HC245 SLS-SL74HC245 Datasheet
49Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74HC245 INTEGRAL-IN74HC245 Datasheet
110Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
IN74HC623 INTEGRAL-IN74HC623 Datasheet
108Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com