Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1KSMBJ Datasheet(PDF) 3 Page - Littelfuse

Part # 1KSMBJ
Description  Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1KSMBJ Datasheet(HTML) 3 Page - Littelfuse

  1KSMBJ Datasheet HTML 1Page - Littelfuse 1KSMBJ Datasheet HTML 2Page - Littelfuse 1KSMBJ Datasheet HTML 3Page - Littelfuse 1KSMBJ Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicon Avalanche Diodes
272
www .littelfuse .com
Reverse
Stand Off
Voltage
VR
(Volts)
Part
Number
Breakdown
Voltage
VBR (Volts) @
IT
MIN
MAX
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @
IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
1KSMBJ 39
O10K
31.6
35.1
42.9
1.0
5.0
56.4
17.5
1KSMBJ 39A
O10L
33.3
37.1
41.0
1.0
5.0
53.9
18.7
1KSMBJ 43
O10M
34.8
38.7
47.3
1.0
5.0
61.9
16.0
1KSMBJ 43A
O10N
36.8
40.9
45.2
1.0
5.0
59.3
16.8
1KSMBJ 47
O10O
38.1
42.3
51.7
1.0
5.0
67.8
14.8
1KSMBJ 47A
O10P
40.2
44.7
49.4
1.0
5.0
64.8
15.5
1KSMBJ 51
O10Q
41.3
45.9
56.1
1.0
5.0
73.5
13.7
1KSMBJ 51A
O10R
43.6
48.5
53.6
1.0
5.0
70.1
14.3
1KSMBJ 56
O10S
45.4
50.4
61.6
1.0
5.0
80.5
12.3
1KSMBJ 56A
O10T
47.8
53.2
58.8
1.0
5.0
77.0
13.0
1KSMBJ 62
O10U
50.2
55.8
68.2
1.0
5.0
89.0
11.3
1KSMBJ 62A
O10V
53.0
58.9
65.1
1.0
5.0
85.0
11.8
1KSMBJ 68
O10W
55.1
61.2
74.8
1.0
5.0
98.0
10.2
1KSMBJ 68A
O10X
58.1
64.6
71.4
1.0
5.0
92.0
10.8
1KSMBJ 75
O10Y
60.7
67.5
82.5
1.0
5.0
108.0
9.2
1KSMBJ 75A
O10Z
64.1
71.3
78.8
1.0
5.0
103.0
9.7
1KSMBJ 82
P10A
66.4
73.8
90.2
1.0
5.0
118.0
8.5
1KSMBJ 82A
P10B
70.1
77.9
86.1
1.0
5.0
113.0
8.8
1KSMBJ 91
P10C
73.7
81.9
100.0
1.0
5.0
131.0
7.5
1KSMBJ 91A
P10D
77.8
86.5
95.5
1.0
5.0
125.0
8.0
1KSMBJ 100
P10E
81.0
90.0
110.0
1.0
5.0
144.0
7.0
1KSMBJ 100A
P10F
85.5
95.0
105.0
1.0
5.0
137.0
7.3
1KSMBJ 110
P10G
89.2
99.0
121.0
1.0
5.0
158.0
6.3
1KSMBJ 110A
P10H
94.0
105.0
116.0
1.0
5.0
152.0
6.6
1KSMBJ 120
P10I
97.2
108.0
132.0
1.0
5.0
173.0
5.8
1KSMBJ 120A
P10J
102.0
114.0
126.0
1.0
5.0
165.0
6.1
1KSMBJ 130
P10K
105.0
117.0
143.0
1.0
5.0
187.0
5.3
1KSMBJ 130A
P10L
111.0
124.0
137.0
1.0
5.0
179.0
5.6
1KSMBJ 150
P10M
121.0
135.0
165.0
1.0
5.0
215.0
4.7
1KSMBJ 150A
P10N
128.0
143.0
158.0
1.0
5.0
207.0
4.8
1KSMBJ 160
P10O
130.0
144.0
176.0
1.0
5.0
230.0
4.3
1KSMBJ 160A
P10P
136.0
152.0
168.0
1.0
5.0
219.0
4.6
1KSMBJ Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
Notes:
1. All testing is performed at Tamb = 25˚C (+/- 3˚C)
2. Bv is measured using a pulse of 20 milliseconds or less
3. Ir is doubled for Bi-directional devices only with VR equal or less than 10 volts
4. Peak Pulse Current is quoted @ 10/1000
µsec
5. All parameters are stated as tested on a FET Tester Model 3400
6. Vf, for uni-directional devices, is measured using a 300 microsecond square wave pulse @ IT = 50A
1000W Surface Mount Transient Voltage Suppressor
®
Device
Code
IT (mA)
RoHS


Similar Part No. - 1KSMBJ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ10 LITTELFUSE-1KSMBJ10 Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
1KSMBJ10 SUNMATE-1KSMBJ10 Datasheet
519Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1KSMBJ100 SUNMATE-1KSMBJ100 Datasheet
519Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1KSMBJ100A SUNMATE-1KSMBJ100A Datasheet
519Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Littelfuse
1KSMBJ10A LITTELFUSE-1KSMBJ10A Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1KSMBJ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ75CA LITTELFUSE-1KSMBJ75CA Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMB10J TSC-SMB10J Datasheet
186Kb / 5P
   1000W Surface Mount Transient Voltage Suppressor
1KSMB TSC-1KSMB Datasheet
237Kb / 6P
   1000W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
10BJ LEIDITECH-10BJ Datasheet
745Kb / 6P
   1000W Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com