Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC11A Datasheet(PDF) 1 Page - Littelfuse

Part # 1.5SMC11A
Description  Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1.5SMC11A Datasheet(HTML) 1 Page - Littelfuse

  1.5SMC11A Datasheet HTML 1Page - Littelfuse 1.5SMC11A Datasheet HTML 2Page - Littelfuse 1.5SMC11A Datasheet HTML 3Page - Littelfuse 1.5SMC11A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Avalanche Diodes
278
www .littelfuse .com
1500W Surface Mount Transient Voltage Supressors
1.5SMC Series
FEATURES
RoHS compliant
For surface mounted applications in order to optimize
board space
Low profile package
Built-in strain relief
Glass passivated junction
Low Inductance
Excellent clamping capability
Repetition Rate (duty cycle):0.05%
Fast response time: typically less than 1.0ps from 0 Volts to
BV min.
Typical IR less than 1µA above 10V
High temperature soldering: 250˚C/10 seconds at terminals
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use Suffix CA for types 1.5SMC6.8CA thru types
1.5SMC550CA
Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS
@25˚C AMBIENT TEMPERATURE (unless otherwise noted)
PARAMETER
Peak pulse power Dissipation on
10/1000µs waveform (Note 1.2,FIG.1)
Peak pulse current of on 10/1000µs
waveform (Note 1, FIG.3)
Peak Forward Surge Current,
8.3ms Single Half Sine-Wave
Superimposed on Rated Load,
(JEDEC Method)(Note3)
Operating junction and Storage
Temperature Range
VALUE
Min
1500
See Table 1
200
-55 to +150
UNIT
Watts
Amps
Amps
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above
TA= 25˚C per Fig.2
2. Mounted on 8.0mm2 Copper Pads to each terminal
3. 8.3ms single half sine-wave, or equivalent square wave,
Duty cycle = 4 pulses per minutes maximum
SYMBOL
PPPM
IPPM
IFSM
Tj, TsTG
Mechanical Specifications:
Weight:
0.007 ounce, 0.21 gram
Case:
JEDEC DO214AB. Molded plastic over
glass passivated junction
Mounting Position:
Any
Polarity:
Color band denoted positive end
(cathode) except Bidirectional
Terminal:
Solder plated, solderable per MIL-STD-
750, Method 2026
Standard Packaging:
16mm tape (EIA STD RS-481)
1.5SMC
CA
Voltage
Bi-Directional
5% Voltage Tolerance
T = Tape and reeled (3000 pcs)
ORDERING INFORMATION
Agency Approvals: Recognized under the Components Program
of Underwriters Laboratories.
Agency File Number: E128667
RoHS


Similar Part No. - 1.5SMC11A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1.5SMC11A BOURNS-1.5SMC11A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Central Semiconductor C...
1.5SMC11A CENTRAL-1.5SMC11A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Nantong Hornby Electron...
1.5SMC11A HORNBY-1.5SMC11A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
1.5SMC11A MDE-1.5SMC11A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5SMC11A VISHAY-1.5SMC11A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC11A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com