Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP85A Datasheet(PDF) 2 Page - Littelfuse

Part # 15KP85A
Description  Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

15KP85A Datasheet(HTML) 2 Page - Littelfuse

  15KP85A Datasheet HTML 1Page - Littelfuse 15KP85A Datasheet HTML 2Page - Littelfuse 15KP85A Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Avalanche Diodes
303
www .littelfuse .com
6
15000 Watt Axial Leaded Transient Voltage Suppressor
®
Breakdown
Voltage
VBR (Volts) @ IT
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
ELECTRICAL SPECIFICATION @ Tamb 25°C
15KP17A
15KP17CA
17
18.9
50
512
5000
29.3
15KP18A
15KP18CA
18
20.0
50
485
5000
30.9
15KP20A
15KP20CA
20
22.2
20
437
1500
34.3
15KP22A
15KP22CA
22
24.4
10
404
500
37.1
15KP24A
15KP24CA
24
26.7
5
369
150
40.5
15KP26A
15KP26CA
26
28.9
5
347
50
44.0
15KP28A
15KP28CA
28
31.1
5
316
25
47.5
15KP30A
15KP30CA
30
33.3
5
296
15
50.7
15KP33A
15KP33CA
33
36.7
5
274
10
54.8
15KP36A
15KP36CA
36
40.0
5
251
10
59.7
15KP40A
15KP40CA
40
44.4
5
228
10
65.8
15KP43A
15KP43CA
43
47.8
5
215
10
69.7
15KP45A
15KP45CA
45
50.0
5
205
10
73.0
15KP48A
15KP48CA
48
53.3
5
193
10
77.7
15KP51A
15KP51CA
51
56.7
5
181
10
82.8
15KP54A
15KP54CA
54
60.0
5
171
10
87.5
15KP58A
15KP58CA
58
64.4
5
160
10
94.0
15KP60A
15KP60CA
60
66.7
5
154
10
97.3
15KP64A
15KP64CA
64
71.1
5
144
10
104.0
15KP70A
15KP70CA
70
77.8
5
132
10
114.0
15KP75A
15KP75CA
75
83.3
5
123
10
122.0
15KP78A
15KP78CA
78
86.7
5
119
10
126.0
15KP85A
15KP85CA
85
94.4
5
109
10
137.0
15KP90A
15KP90CA
90
100.0
5
103
10
146.0
15KP100A
15KP100CA
100
111.0
5
93
10
162.0
15KP110A
15KP110CA
110
122.0
5
84
10
178.0
15KP120A
15KP120CA
120
133.0
5
78
10
193.0
15KP130A
15KP130CA
130
144.0
5
72
10
209.0
15KP150A
15KP150CA
150
167.0
5
62
10
243.0
15KP160A
15KP160CA
160
178.0
5
58
10
259.0
15KP170A
15KP170CA
170
189.0
5
55
10
275.0
15KP180A
15KP180CA
180
200.0
5
52
10
291.0
15KP200A
15KP200CA
200
222.0
5
47
10
322.0
15KP220A
15KP220CA
220
245.0
5
42
10
356.0
15KP240A
15KP240CA
240
267.0
5
39
10
388.0
15KP260A
15KP260CA
260
289.0
5
36
10
419.0
15KP280A
15KP280CA
280
311.0
5
33
10
452.0
Reverse
Stand off
Voltage
VR
(Volts)
Test
Current
IT (mA)
For bidirectional type having Vrwm of 30 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
Part
Numbers
Uni-Polar
Bi-Polar
15KP Series
RoHS


Similar Part No. - 15KP85A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP85A EIC-15KP85A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
15KP85A DIGITRON-15KP85A Datasheet
166Kb / 4P
   15,000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
15KP85A MICROSEMI-15KP85A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
List of Unclassifed Man...
15KP85A ETC2-15KP85A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Protek Devices
15KP85A PROTEC-15KP85A Datasheet
88Kb / 5P
   POWER TVS COMPONENT
More results

Similar Description - 15KP85A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
SA5.0A LITTELFUSE-SA5.0A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com