Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4046 Datasheet(PDF) 11 Page - ON Semiconductor

Part # 74HC4046
Description  Phase-Locked Loop
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC4046 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button 74HC4046 Datasheet HTML 7Page - ON Semiconductor 74HC4046 Datasheet HTML 8Page - ON Semiconductor 74HC4046 Datasheet HTML 9Page - ON Semiconductor 74HC4046 Datasheet HTML 10Page - ON Semiconductor 74HC4046 Datasheet HTML 11Page - ON Semiconductor 74HC4046 Datasheet HTML 12Page - ON Semiconductor 74HC4046 Datasheet HTML 13Page - ON Semiconductor 74HC4046 Datasheet HTML 14Page - ON Semiconductor 74HC4046 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC74HC4046A
http://onsemi.com
11
Figure 14A. VCO Frequency (fVCO) as a Function
of the VCO Input Voltage (VVCOIN)
Figure 14B. VCO Frequency (fVCO) as a Function
of the VCO Input Voltage (VVCOIN)
VCC = 6.0 V
VCC = 4.5 V
VCC = 3.0 V
R1 = 3.0 k
C1 = 39 pF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
23
21
19
17
15
13
11
9
7.0
VVCOIN (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
70
60
50
40
30
20
10
0
VVCOIN (V)
VCC = 6.0 V
VCC = 4.5 V
VCC = 3.0 V
R1 = 3.0 k
C1 = 0.1
µF
Figure 14C. VCO Frequency (fVCO) as a Function
of the VCO Input Voltage (VVCOIN)
Figure 14D. VCO Frequency (fVCO) as a Function
of the VCO Input Voltage (VVCOIN)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.0
1.0
0
VVCOIN (V)
VCC = 6.0 V
VCC = 4.5 V
VCC = 3.0 V
R1 = 300 k
C1 = 39 pF
4.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.0
VVCOIN (V)
4.5
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 6.0 V
VCC = 4.5 V
VCC = 3.0 V
R1 = 300 k
C1 = 0.1
µF
Figure 15A. Frequency Linearity versus
R1, C1 and VCC
Figure 15B. Definition of VCO Frequency Linearity
2.0
1.0
–2.0
0
–1.0
10
0
101
102
103
R1 (k
Ω)
R2 =
∞; ∆V = 0.5 V
C1 = 39 pF
C1 = 1.0
µF
f2
f0
f0′
f1
MIN
1/2 VCC
MAX
∆V = 0.5 V OVER THE VCC RANGE:
FOR VCO LINEARITY
f0′ = (f1 + f2) / 2
LINEARITY = (f0′ – f0) / f0′) x 100%
VCC=
4.5 V
6.0 V
3.0 V
4.5 V
6.0 V
3.0 V


Similar Part No. - 74HC4046

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4046 PHILIPS-74HC4046 Datasheet
467Kb / 34P
   Phase-locked-loop with VCO
1997 Nov 25
logo
System Logic Semiconduc...
74HC4046 SLS-74HC4046 Datasheet
134Kb / 12P
   Phase-Locked Loop
logo
Fairchild Semiconductor
74HC4046 FAIRCHILD-74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
   Phase-locked-loop with VCO
1997 Nov 25
logo
Nexperia B.V. All right...
74HC4046A NEXPERIA-74HC4046A Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
More results

Similar Description - 74HC4046

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com