Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100E-1C-2.75 Datasheet(PDF) 6 Page - Littelfuse

Part # 100E-1C-2.75
Description  Medium Voltage Fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

100E-1C-2.75 Datasheet(HTML) 6 Page - Littelfuse

Back Button 100E-1C-2.75 Datasheet HTML 2Page - Littelfuse 100E-1C-2.75 Datasheet HTML 3Page - Littelfuse 100E-1C-2.75 Datasheet HTML 4Page - Littelfuse 100E-1C-2.75 Datasheet HTML 5Page - Littelfuse 100E-1C-2.75 Datasheet HTML 6Page - Littelfuse 100E-1C-2.75 Datasheet HTML 7Page - Littelfuse 100E-1C-2.75 Datasheet HTML 8Page - Littelfuse 100E-1C-2.75 Datasheet HTML 9Page - Littelfuse 100E-1C-2.75 Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
66
E Rated Medium Voltage Fuses
Current Limiting
“E” Rated fuses have time current characteristics designed
to provide current limiting protection for power transformers,
potential transformers, power centers, feeder centers, and
unit sub stations. When properly applied, they can protect
against high and low value fault currents.
NEMA Standards for “E” rated medium voltage fuses require
that fuses rated 100E or less open within 300 seconds (5
minutes) when subjected to an RMS value of 200-240% of
the fuse’s continuous current rating; and fuses with an “E”
rating larger than 100E must open within 600 seconds (10
minutes) when subjected to an rms current of 220-240% of
the fuse’s continuous current rating. These values establish
one point on the time-current curve.
Application Note:
Since these fuses are used for the protection of general
purpose circuits which may contain transformers, motors,
and other equipment producing inrush and/or overload cur-
rents, fuses should generally be rated at 140% of the normal
full load current, and circuits should be analyzed to ensure
that system load currents will not exceed the current rating
of the fuse.
CHARACTERISTICS
Voltage Rating: 2,400 volts – 38,000 volts
Current Range: 10E – 600E
OPTIONS
s
Hermetically Sealed for use in hazardous locations
(add “S” suffix to part number)
s
Clip-lock (CL) and bolt-in styles available.
3"DIA
Dim.A
(Clip
Center)
6.38"
Dim.B
9.75"
Catalog
Number
10E-1C-2.75
15E-1C-2.75
20E-1C-2.75
25E-1C-2.75
30E-1C-2.75
40E-1C-2.75
50E-1C-2.75
65E-1C-2.75
80E-1C-2.75
100E-1C-2.75
125E-1C-2.75
150E-1C-2.75
200E-1C-2.75
125E-2C-2.75
150E-2C-2.75
175E-2C-2.75
200E-2C-2.75
225E-2C-2.75
250E-2C-2.75
300E-2C-2.75
350E-2C-2.75
400E-2C-2.75
450E-2C-2.75
Old
Catalog
Number
LCX 10E
LCX 30E
LCX 40E
LCX 50E
LCX 65E
LCX 80E
LCX 100E
LCX 125E
LCX 150E
LCX 175E
LCX 200E
LCX 250E
LCX 300E
LCX 400E
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125E
150E
200E
125E
150E
175E
200E
225E
250E
300E
350E
400E
450E
Dim. A
(inches)
7"
7"
Dim. B
(inches)
10.875"
10.875"
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
Figure
Number
14
14
14
14
14
14
14
14
14
14
14
14
14
15
15
15
15
15
15
15
15
15
15
E
RATED
FIGURE 14
FIGURE 15
FIGURE 16
Previous
Next


Similar Part No. - 100E-1C-2.75

ManufacturerPart #DatasheetDescription
logo
Littelfuse
100E-1C-2.75 LITTELFUSE-100E-1C-2.75 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
More results

Similar Description - 100E-1C-2.75

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com