Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2150KG Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # SL2150KG
Description  Cable Tuner Front End LNA with AGC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2150KG Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SL2150KG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 10Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 11Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 12Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 13Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SL2150D
Data Sheet
10
Zarlink Semiconductor Inc.
Figure 14 - Port Peripheral Circuitry
440
440
3.9 V
Output Ports
Output
32 mA
32 mA
1.6 V
1.5 k
30 k
AGC
INPUT
Vcc
1.5 V
1.7 k
20 k
AGC
INPUT
DIS Port
1 k
INPUT
DECOUPLED
RF Input Port
INPUT
2.5 V
2.5 V 1 k
270
AGC Port


Similar Part No. - SL2150KG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL2150KG ZARLINK-SL2150KG Datasheet
932Kb / 20P
   Front End Power Splitter with AGC
More results

Similar Description - SL2150KG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Zarlink Semiconductor I...
SL2150F ZARLINK-SL2150F Datasheet
932Kb / 20P
   Front End Power Splitter with AGC
logo
TriQuint Semiconductor
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
logo
United Monolithic Semic...
CHA3024-99F UMS-CHA3024-99F_15 Datasheet
347Kb / 12P
   2-22GHz LNA with AGC
CHA3024-QGG UMS-CHA3024-QGG_15 Datasheet
578Kb / 16P
   2-22GHz LNA with AGC
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412-TR1G AVAGO-ALM-1412-TR1G Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
ALM-3012 AVAGO-ALM-3012 Datasheet
1Mb / 21P
   GNSS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-2412 BOARDCOM-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com