Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15GSE-65E Datasheet(PDF) 3 Page - Littelfuse

Part # 15GSE-65E
Description  E Rated Medium Voltage Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

15GSE-65E Datasheet(HTML) 3 Page - Littelfuse

  15GSE-65E Datasheet HTML 1Page - Littelfuse 15GSE-65E Datasheet HTML 2Page - Littelfuse 15GSE-65E Datasheet HTML 3Page - Littelfuse 15GSE-65E Datasheet HTML 4Page - Littelfuse 15GSE-65E Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
69
E Rated Medium Voltage Fuses
Current Limiting
8NLE-10E
8NLE-15E
8NLE-20E
8NLE-25E
8NLE-30E
8NLE-40E
8NLE-50E
8NLE-65E
8NLE-80E
8NLE-100E
8NLE2-100E
8NLE2-125E
8NLE2-150E
8NLE2-200E
8NLE2-250E
LCZ 30E
LCZ 40E
LCZ 50E
LCZ 65E
LCZ 80E
LCZ 100E
LCZ 100E
LCZ 125E
LCZ 150E
LCZ 200E
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
100E
125E
150E
200E
250E
17-7/8"
17-7/8"
80,000
80,000
14
14
14
14
14
14
14
14
14
14
15
15
15
15
15
14"
14"
Catalog
Number
10E-1C-8.25
15E-1C-8.25
20E-1C-8.25
25E-1C-8.25
30E-1C-8.25
40E-1C-8.25
50E-1C-8.25
65E-1C-8.25
80E-1C-8.25
100E-1C-8.25
125E-1C-8.25
150E-1C-8.25
125E-2C-8.25
150E-2C-8.25
200E-2C-8.25
250E-2C-8.25
300E-2C-8.25
350E-3C-8.25
400E-3C-8.25
Old
Catalog
Number
LDZ 30E
LDZ 40E
LDZ 50E
LDZ 65E
LDZ 80E
LDZ 100E
LDZ 125E
LDZ 150E
LDZ 125E
LDZ 150E
LDZ 200E
LDZ 250E
LDZ 300E
LDZ 350Z
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125E
150E
125E
150E
200E
250E
300E
350E
400E
Dim. A
(inches)
12"
12"
12"
Dim. B
(inches)
15-7/8"
15-7/8"
15-7/8"
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
80,000
Diagram
14
14
14
14
14
14
14
14
14
14
14
14
15
15
15
15
15
16
16
E
RATED
Catalog
Number
10E-1C-15.5
15E-1C-15.5
20E-1C-15.5
25E-1C-15.5
30E-1C-15.5
40E-1C-15.5
50E-1C-15.5
65E-1C-15.5
80E-1C-15.5
100E-1C-15.5
65E-2C-15.5
80E-2C-15.5
100E-2C-15.5
125E-2C-15.5
150E-2C-15.5
175E-2C-15.5
200E-2C-15.5
200E-3C-15.5
250E-3C-15.5
300E-3C-15.5
Old
Catalog
Number
LDN 10E
LDN 15E
LDN 20E
LDN 25E
LDN 30E
LDN 40E
LDN 50E
LDN 65E
LDN 80E
LDN 100E
LDN 150E
LDN 175E
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
65E
80E
100E
125E
150E
175E
200E
200E
250E
300E
Dim. A
(inches)
15"
15"
15"
Dim. B
(inches)
18.875"
18.875"
18.875"
Max
Interrupting
Rating
RMS (Asym)
60,000
60,000
60,000
Figure
Number
14
14
14
14
14
14
14
14
14
14
15
15
15
15
15
15
15
16
16
16
E
RATED


Similar Part No. - 15GSE-65E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15GSE-65E LITTELFUSE-15GSE-65E Datasheet
346Kb / 12P
   Medium Voltage Fuses
More results

Similar Description - 15GSE-65E

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JCI-3E COOPER-JCI-3E Datasheet
100Kb / 2P
   E-Rated Medium Voltage Fuses for Potential Small Power Trans.
logo
Littelfuse
3E-4PT-6 LITTELFUSE-3E-4PT-6 Datasheet
348Kb / 1P
   E Rated Potential Transformer Fuses
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com