Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80DBTR-V101 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ20Z80DBTR-V101
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z80DBTR-V101 Datasheet(HTML) 3 Page - Texas Instruments

  BQ20Z80DBTR-V101 Datasheet HTML 1Page - Texas Instruments BQ20Z80DBTR-V101 Datasheet HTML 2Page - Texas Instruments BQ20Z80DBTR-V101 Datasheet HTML 3Page - Texas Instruments BQ20Z80DBTR-V101 Datasheet HTML 4Page - Texas Instruments BQ20Z80DBTR-V101 Datasheet HTML 5Page - Texas Instruments BQ20Z80DBTR-V101 Datasheet HTML 6Page - Texas Instruments BQ20Z80DBTR-V101 Datasheet HTML 7Page - Texas Instruments BQ20Z80DBTR-V101 Datasheet HTML 8Page - Texas Instruments BQ20Z80DBTR-V101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
bq20z80-V101
SLUS625D – SEPTEMBER 2004 – REVISED OCTOBER 2005
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O(1)
DESCRIPTION
NO.
NAME
22
LED3
O
LED3 display segment that drives an external LED depending on the firmware configuration
23
LED2
O
LED2 display segment that drives an external LED depending on the firmware configuration
24
LED1
O
LED1 display segment that drives an external LED depending on the firmware configuration
25
XALERT
I
Input from bq29312A XALERT output.
26
MRST
I
Master reset input that forces the device into reset when held high
27
SR2
IA
Connections for a small-value sense resistor to monitor the battery charge- and discharge-current flow
28
SR1
IA
Connections for a small-value sense resistor to monitor the battery charge- and discharge-current flow
31
VDDA
P
Positive supply for analog circuitry
Analog input connected to the external PLL filter components which are a 150-pF capacitor to VSSA, in
32
FILT
IA
parallel with a 61.9-k
Ω resistor and a 2200-pF capacitor in series. Place these components as close as
possible to the bq20z80 to ensure optimal performance.
32.768-kHz crystal oscillator output pin or connected to a 100k, 50ppm or better resistor if the internal
33
XCK2/ROSC
O
oscillator is used
34
XCK1/VSSA
I
32.768-kHz crystal oscillator input pin or connected to VSSA if the internal oscillator is used
35
CLKOUT
O
32.768-kHz output for the bq29312. This pin should be directly connected to the AFE.
36
NC
-
Not used— leave floating
37
NC
-
Not used— leave floating
11, 19,
VSSD
P
Negative supply for digital circuitry
38
29, 30
VSSA
P
Negative supply for analog circuitry.
over operating free-air temperature range (unless otherwise noted)(1)
RANGE
VDDAand VDDD relative to VSS(2)
Supply voltage range
–0.3 V to 4.1 V
V(IOD) relative to VSS(2)
Open-drain I/O pins
–0.3 V to 6 V
VI relative to VSS(2)
Input voltage range to all other pins
–0.3 V to VDDA + 0.3 V
TA
Operating free-air temperature range
–40
°C to 85°C
Tstg
Storage temperature range
– 65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VSS refers to the common node of V(SSA) and V(SSD).
3


Similar Part No. - BQ20Z80DBTR-V101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80DBTR-V101 TI-BQ20Z80DBTR-V101 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80DBTR-V101G4 TI-BQ20Z80DBTR-V101G4 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
More results

Similar Description - BQ20Z80DBTR-V101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V101 TI-BQ20Z80-V101_07 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80 TI-BQ20Z80 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_07 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80-V102 TI-BQ20Z80-V102 Datasheet
800Kb / 24P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com