Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V70210BC Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V70210BC
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70210BC Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V70210BC Datasheet HTML 7Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 8Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 9Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 10Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 11Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 12Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 13Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 14Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
COMMERCIALTEMPERATURERANGE
IDT72V70210 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 1,024 x 1,024
ST-BUS
F0i
RX Stream
5714 drw 05
Bit 7
Bit 7
CLK
Bit 7
Bit 7
denotes the 3/4 point of the bit cell
offset = 0, DLE = 0
offset = 1, DLE = 0
offset = 0, DLE = 1
offset = 1, DLE = 1
GCI
F0i
Bit 0
Bit 0
CLK
Bit 0
Bit 0
denotes the 3/4 point of the bit cell
offset = 0, DLE = 0
offset = 1, DLE = 0
offset = 0, DLE = 1
offset = 1, DLE = 1
RX Stream
RX Stream
RX Stream
RX Stream
RX Stream
RX Stream
RX Stream
MeasurementResultfrom
Corresponding
InputStream
Frame Delay Bits
Offset Bits
Offset
FD11
FD2
FD1
FD0
OFn2
OFn1
OFn0
DLEn
No clock period shift (Default)
10000000
+ 0.5 clock period shift
00000001
+ 1.0 clock period shift
10010010
+ 1.5 clock period shift
00010011
+ 2.0 clock period shift
10100100
+ 2.5 clock period shift
00100101
+ 3.0 clock period shift
10110110
+ 3.5 clock period shift
00110111
+ 4.0 clock period shift
11001000
+ 4.5 clock period shift
01001001
TABLE 9 — OFFSET BITS (OFn2, OFn1, OFn0, DLEn) & FRAME DELAY BITS
(FD11, FD2-0)
Figure 2. Examples for Input Offset Delay Timing


Similar Part No. - IDT72V70210BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70210 RENESAS-IDT72V70210 Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
IDT72V70210DAG RENESAS-IDT72V70210DAG Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
More results

Similar Description - IDT72V70210BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V70810 RENESAS-72V70810 Datasheet
782Kb / 24P
   3.3 VOLT Time SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JUNE 9, 2014
IDT72V70210 RENESAS-IDT72V70210 Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
logo
Integrated Device Techn...
IDT72V70810 IDT-IDT72V70810 Datasheet
149Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com