Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6821DQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI6821DQ
Description  P-Channel, Reduced Qg, MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6821DQ Datasheet(HTML) 1 Page - Vishay Siliconix

  SI6821DQ Datasheet HTML 1Page - Vishay Siliconix SI6821DQ Datasheet HTML 2Page - Vishay Siliconix SI6821DQ Datasheet HTML 3Page - Vishay Siliconix SI6821DQ Datasheet HTML 4Page - Vishay Siliconix SI6821DQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si6821DQ
Vishay Siliconix
New Product
Document Number: 70791
S-56954—Rev. C, 01-Mar-99
www.vishay.com
S FaxBack 408-970-5600
2-1
P-Channel, Reduced Qg, MOSFET with Schottky Diode
MOSFET PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
–20
0.190 @ VGS = –4.5 V
"1.7
–20
0.280 @ VGS = –3.0 V
"1.3
SCHOTTKY PRODUCT SUMMARY
VKA (V)
VF (V)
Diode Forward Voltage
IF (A)
20
0.5 V @ 1 A
1.5
Si6821DQ
D
S
S
G
1
2
3
4
8
7
6
5
K
A
A
A
TSSOP-8
Top View
D
S
G
D
K
A
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage (MOSFET)
VDS
–20
V
Reverse Voltage (Schottky)
VKA
20
V
Gate-Source Voltage (MOSFET)
VGS
"12
Continuous Drain Current (TJ = 150_C) (MOSFET)a, b
TA = 25_C
ID
"1.7
A
Continuous Drain Current (TJ = 150 C) (MOSFET)a, b
TA = 70_C
ID
"1.3
A
Pulsed Drain Current (MOSFET)
IDM
"8
A
Continuous Source Current (MOSFET Diode Conduction)a, b
IS
–1.0
A
Average Foward Current (Schottky)
IF
1.5
Pulsed Foward Current (Schottky)
IFM
30
Maximum Power Dissipation (MOSFET)a, b
TA = 25_C
P
1.2
W
Maximum Power Dissipation (MOSFET)a, b
TA = 70_C
PD
0.76
W
Maximum Power Dissipation (Schottky)a, b
TA = 25_C
PD
1.0
W
Maximum Power Dissipation (Schottky)a, b
TA = 70_C
0.64
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Device
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient (t
v 10 sec)a
MOSFET
R
105
_C/W
Maximum Junction-to-Ambient (t
v 10 sec)a
Schottky
RthJA
125
_C/W
Maximum Junction-to-Ambient (t = steady state)a
MOSFET
RthJA
115
_C/W
Maximum Junction-to-Ambient (t = steady state)a
Schottky
130
Notes
a.
Surface Mounted on FR4 Board.
b.
t
v 10 sec.


Similar Part No. - SI6821DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6820DQ VISHAY-SI6820DQ Datasheet
62Kb / 5P
   N-Channel, Reduced Qg, MOSFET with Schottky Diode
Rev. C, 23-Nov-98
More results

Similar Description - SI6821DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6820DQ VISHAY-SI6820DQ Datasheet
62Kb / 5P
   N-Channel, Reduced Qg, MOSFET with Schottky Diode
Rev. C, 23-Nov-98
SI9803DY VISHAY-SI9803DY Datasheet
51Kb / 4P
   P-Channel Reduced Qg Fast Switching MOSFET
Rev. C, 11-Feb-98
SI4300DY VISHAY-SI4300DY Datasheet
45Kb / 5P
   N-Channel 30-V (D-S), Reduced Qg Fast Switching MOSFET with Schottky Diode
Rev. B, 26-May-03
logo
Guangdong Kexin Industr...
KI4300DY KEXIN-KI4300DY Datasheet
56Kb / 2P
   N-Channel 30-V (D-S), Reduced Qg Fast Switching MOSFET with Schottky Diode
logo
Vishay Siliconix
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI6802DQ VISHAY-SI6802DQ Datasheet
59Kb / 4P
   N-Channel, Reduced Qg, Fast Switching MOSFET
Rev. C, 18-Dec-96
logo
DinTek Semiconductor Co...
DTB6035 DINTEK-DTB6035 Datasheet
235Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
logo
Vishay Siliconix
SI4800BDY VISHAY-SI4800BDY Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com