Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

325.300P Datasheet(PDF) 1 Page - Littelfuse

Part # 325.300P
Description  Axial Lead and Cartridge Fuses - Ceramic Body
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

325.300P Datasheet(HTML) 1 Page - Littelfuse

  325.300P Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
408
www .littelfuse .com
Ceramic Body
3AB Slo-Blo® Fuse 325P/326P Series
Ceramic body construction permits higher interrupting ratings and volt-
age ratings. Ideal for applications where high current loads are expected.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
100%
1/100–30
4 hours, Minimum
135%
1/100–30
1 hour, Maximum
200%
1/100–3.2
5 sec., Min.; 30 sec. Max.
4 – 30
5 sec., Min.; 60 sec. Max.
AGENCY APPROVALS: Listed by Underwriters Laboratories from 1/4
through 10 amperes. Certified by CSA from 1/4 through 30 amperes.
Recognized under the component program of Underwriters Laboratories
for 12-30A.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATING:
0.010 - 20A
10,000A @ 125 VAC
25 - 30A
400A @ 125 VAC
0.010 - 3.2A
100A @ 250 VAC
4 - 20A
400A @ 250 VAC
ORDERING INFORMATION:
1000
100
10
1
0.1
0.01
10
CURRENT IN AMPERES
100
1000
0.1
1
0.05
Cartridge
Axial Lead
Nominal
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Melting I
2 t
Number
Number
Rating
Rating
Cold Ohms
A
2 Sec.
326.010P
325.010P
1/100
250
3300.0000
0.00148
326.031P
325.031P
1/32
250
330.
0.0110
326.062P
325.062P
1/16
250
91.0
0.0276
326.100P
325.100P
1/10
250
33.3
0.0870
326.125P
325.125P
1/8
250
22.3
0.100
326.150P
325.150P
15/100
250
15.3
0.143
326.175P
325.175P
.175
250
8.84
0.220
326.187P
325.187P
3/16
250
7.67
0.230
326.200P
325.200P
2/10
250
6.72
0.213
326.250P
325.250P
1/4
250
4.40
0.432
326.300P
325.300P
3/10
250
3.20
0.690
326.375P
325.375P
3/8
250
2.14
1.20
326.400P
325.400P
4/10
250
1.92
1.33
326.500P
325.500P
1/2
250
1.29
2.50
326.600P
325.600P
6/10
250
0.940
3.90
326.700P
325.700P
7/10
250
0.716
6.42
326.750P
325.750P
3/4
250
0.636
7.00
326.800P
325.800P
8/10
250
0.568
8.20
326 001P
325 001P
1
250
0.386
16.3
326 01.2P
325 01.2P
12/10
250
0.284
22.0
326 1.25P
325 1.25P
11/4
250
0.266
24.0
326 01.5P
325 01.5P
11/2
250
0.196
40.1
326 01.6P
325 01.6P
16/10
250
0.175
45.0
326 002P
325 002P
2
250
0.120
80.0
326 02.5P
325 02.5P
21/2
250
0.0830
136.0
326 02.8P
325 02.8P
28/10
250
0.0690
170.0
326 003P
325 003P
3
250
0.0600
200.0
326 03.2P
325 03.2P
32/10
250
0.0535
214.0
326 004P
325 004P
4
250
0.0755
9.71
326 005P
325 005P
5
250
0.0518
25.0
326 6.25P
325 6.25P
61/4
250
0.0343
60.4
326 007P
325 007P
7
250
0.0225
47.3
326 008P
325 008P
8
250
0.0191
67.1
326 010P
325 010P
10
250
0.0131
137.0
326 012P
325 012P
12
250
0.0066
129.0
326 015P
325 015P
15
250
0.0049
245.0
326 020P
325 020P
20
250
0.0033
575.0
326 025P
325 025P
25
125
0.0024
1030.0
326 030P
325 030P
30
125
0.0019
1690.0
Average Time Current Curves
326 000P Series
325 000P Series
6.35 (.25")
32.385
(1.275")
31.75
(1.25")
6.985 (.275")
38.1
(1.50") TYP.
Axial Lead Material: Tin coated copper.
1
100
/
0.813 (.032") (
-15A)
1.016 (.040") (20 -30A)
®
UL
®
®
RoHS
Pb


Similar Part No. - 325.300P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
325.300 LITTELFUSE-325.300 Datasheet
43Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
325.300 LITTELFUSE-325.300 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
325.300 LITTELFUSE-325.300 Datasheet
42Kb / 1P
   3AB Slo-Blo짰 Fuse 325/326/390 Series
325.300H LITTELFUSE-325.300H Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
More results

Similar Description - 325.300P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
676 LITTELFUSE-676 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
314P LITTELFUSE-314P Datasheet
50Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
674 LITTELFUSE-674 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
677 LITTELFUSE-677 Datasheet
39Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
325 LITTELFUSE-325 Datasheet
43Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
675 LITTELFUSE-675 Datasheet
41Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
314 LITTELFUSE-314 Datasheet
53Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
313P LITTELFUSE-313P Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
673 LITTELFUSE-673 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
312P LITTELFUSE-312P Datasheet
46Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com