Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15GSE-100E Datasheet(PDF) 3 Page - Littelfuse

Part # 15GSE-100E
Description  Medium Voltage Fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

15GSE-100E Datasheet(HTML) 3 Page - Littelfuse

  15GSE-100E Datasheet HTML 1Page - Littelfuse 15GSE-100E Datasheet HTML 2Page - Littelfuse 15GSE-100E Datasheet HTML 3Page - Littelfuse 15GSE-100E Datasheet HTML 4Page - Littelfuse 15GSE-100E Datasheet HTML 5Page - Littelfuse 15GSE-100E Datasheet HTML 6Page - Littelfuse 15GSE-100E Datasheet HTML 7Page - Littelfuse 15GSE-100E Datasheet HTML 8Page - Littelfuse 15GSE-100E Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
63
R Rated Medium Voltage Fuses
Current Limiting
R
RATED
3"DIA
Dim.A
(Clip
Center)
6.38"
Dim.B
9.75"
Catalog
Number
70-2R-1C-5.5
100-3R-1C-5.5
130-4R-1C-5.5
150-5R-1C-5.5
170-6R-1C-5.5
200-9R-1C-5.5
230-12R-1C-5.5
390-18R-2C-5.5
450-24R-2C-5.5
480-26R-2C-5.5
550-30R-2C-5.5
600-32R-2C-5.5
650-36R-2C-5.5
550-30R-3C-5.5
600-32R-3C-5.5
650-36R-3C-5.5
Old
Catalog
Number
LCL 2R
LCL 3R
LCL 4R
LCL 5R
LCL 6R
LCL 9R
LCL 12R
LCL 18R
LCL 24R
LCL 36R
Size
2R
3R
4R
5R
6R
9R
12R
18R
24R
26R
30R
32R
36R
30R
32R
36R
Maximum
Continuous
Current
@ 40 deg C.
70
100
130
150
170
200
230
390
450
480
550
600
650
550
600
650
Dim. A
(inches)
12"
12"
12"
Dim. B
(inches)
15.875"
15.875"
15.875"
Minimum
Interrupting
Rating
RMS Amps
170
250
340
390
500
760
1000
1500
1950
2100
2400
2600
2900
2400
2600
2900
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
Figure
Number
4
4
4
4
4
4
4
5
5
5
5
5
5
6
6
6
70-2R-1C-5.5X
100-3R-1C-5.5X
130-4R-1C-5.5X
150-5R-1C-5.5X
170-6R-1C-5.5X
200-9R-1C-5.5X
230-12R-1C-5.5X
390-18R-2C-5.5X
450-24R-2C-5.5X
2R
3R
4R
5R
6R
9R
12R
18R
24R
70
100
130
150
170
200
230
390
450
14"
14"
17.875"
17.875"
170
250
340
390
500
760
1000
1500
1950
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
4
4
4
4
4
4
4
5
5
R
RATED
Catalog
Number
70-2R-1C-8.25
100-3R-1C-8.25
130-4R-1C-8.25
150-5R-1C-8.25
170-6R-1C-8.25
200-9R-1C-8.25
230-12R-1C-8.25
390-18R-2C-8.25
450-24R-2C-8.25
Old
Catalog
Number
Size
2R
3R
4R
5R
6R
9R
12R
18R
24R
Maximum
Continuous
Current
@ 40 deg C.
70
100
130
150
170
200
230
390
450
Dim. A
(inches)
12"
12"
Dim. B
(inches)
15.875"
15.875"
Minimum
Interrupting
Rating
RMS Amps
190
225
330
440
500
740
955
1440
1910
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
Figure
Number
4
4
4
4
4
4
4
5
5
FIGURE 4
FIGURE 5
FIGURE 6
Add “w” suffix to part number for hookeye attachment
.
Previous
Next


Similar Part No. - 15GSE-100E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15GSE-100E LITTELFUSE-15GSE-100E Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
More results

Similar Description - 15GSE-100E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com