Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0466.250 Datasheet(PDF) 2 Page - Littelfuse

Part # 0466.250
Description  Surface Mount Fuses - Lead-Free Thin-Film
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0466.250 Datasheet(HTML) 2 Page - Littelfuse

  0466.250 Datasheet HTML 1Page - Littelfuse 0466.250 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
365
Surface Mount Fuses
SlimLine
Lead-Free 1206 Very Fast Acting Fuse 466 Series
www .littelfuse .com
10
Nominal
Catalog
Ampere
Marking
Voltage
Resistance
Melting I
2t
Number
Rating
Code
Rating
Cold Ohms
1
(A
2 Sec.)2
0466.125
.125
B
125
4.000
0.00040
0466.200
.2
C
125
1.150
0.00055
0466.250
.25
D
125
0.690
0.0010
0466.375
.375
E
125
0.350
0.0028
0466.500
.5
F
63
0.220
0.0060
0466.750
.75
G
63
0.105
0.0276
0466 001.
1
H
63
0.072
0.0423
0466 1.25
1.25
J
63
0.056
0.0640
0466 01.5
1.5
K
63
0.046
0.1103
0466 1.75
1.75
L
63
0.037
0.1323
0466 002.
2
N
63
0.031
0.2326
0466 02.5
2.5
O
32
0.023
0.3516
0466 003.
3
P
32
0.020
0.5760
0466 004.
4
S
24
0.014
1.024
0466 005.
5
T
24
0.011
1.600
1
Measured at 10% of rated current, 25°C.
2
Measured at rated voltage.
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: – 55°C - + 90°C.
Vibration: Per MIL-STD-202F.
Insulation Resistance (After Opening): Greater than 10,000 ohms.
Resistance to Soldering Heat: Withstands 60 seconds above
2000C and up to 2600C, maximum
Thermal Shock: Withstands 5 cycles of – 55° to 125°C.
PACKAGING SPECIFICATIONS:
8mm Tape and Reel per EIA-RS481-2 (IEC 286, part 3); 5,000 per reel,
add packaging suffix, NR.
PATENTED
ORDERING INFORMATION:
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
Average Time Current Curves
Lead-Free Thin-Film
Pb
RoHS


Similar Part No. - 0466.250

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0466.250NR LITTELFUSE-0466.250NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466.250NRHF LITTELFUSE-0466.250NRHF Datasheet
619Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
More results

Similar Description - 0466.250

ManufacturerPart #DatasheetDescription
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
logo
Bel Fuse Inc.
0429.125WRM BEL-0429.125WRM Datasheet
87Kb / 1P
   Thin-Film Surface Mount
logo
Vishay Siliconix
MFU VISHAY-MFU_10 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU1206FF03000P500 VISHAY-MFU1206FF03000P500 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
logo
Littelfuse
0430001.WR LITTELFUSE-0430001.WR Datasheet
206Kb / 3P
   Surface Mount Fuses Thin Film >1206 Size > Slo Blo짰 > 430 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com