Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT574ADW Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HCT574ADW
Description  Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT574ADW Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HCT574ADW Datasheet HTML 1Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 2Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 3Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 4Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 5Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 6Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 7Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 8
1
Publication Order Number:
MC74HCT574A/D
MC74HCT574A
Octal 3-State Noninverting
D Flip-Flop with
LSTTL-Compatible Inputs
High–Performance Silicon–Gate CMOS
The MC74HCT574A is identical in pinout to the LS574. This
device may be used as a level converter for interfacing TTL or NMOS
outputs to High Speed CMOS inputs.
Data meeting the setup time is clocked to the outputs with the rising
edge of the Clock. The Output Enable input does not affect the states
of the flip–flops, but when Output Enable is high, all device outputs
are forced to the high–impedance state. Thus, data may be stored even
when the outputs are not enabled.
The HCT574A is identical in function to the HCT374A but has the
flip–flop inputs on the opposite side of the package from the outputs to
facilitate PC board layout.
Output Drive Capability: 15 LSTTL Loads
TTL NMOS Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1.0 µA
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 286 FETs or 71.5 Equivalent Gates
http://onsemi.com
MARKING
DIAGRAMS
1
20
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
SOIC WIDE–20
DW SUFFIX
CASE 751D
HCT574A
AWLYYWW
PDIP–20
N SUFFIX
CASE 738
1
20
MC74HCT574AN
AWLYYWW
1
20
1
20
Device
Package
Shipping
ORDERING INFORMATION
MC74HCT574AN
PDIP–20
1440 / Box
MC74HCT574ADW
SOIC–WIDE
38 / Rail
MC74HCT574ADWR2
SOIC–WIDE
1000 / Reel


Similar Part No. - MC74HCT574ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574ADW ONSEMI-MC74HCT574ADW Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT574ADWG ONSEMI-MC74HCT574ADWG Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT574ADWG ONSEMI-MC74HCT574ADWG Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT574ADWG ONSEMI-MC74HCT574ADWG Datasheet
124Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 11
MC74HCT574ADWR2 ONSEMI-MC74HCT574ADWR2 Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
More results

Similar Description - MC74HCT574ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT374A ONSEMI-MC74HCT374A_14 Datasheet
122Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
MC74HCT374A ONSEMI-MC74HCT374A Datasheet
185Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 11
MC74HCT374A ONSEMI-MC74HCT374A_11 Datasheet
155Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
logo
Motorola, Inc
MC54HCT374A MOTOROLA-MC54HCT374A Datasheet
119Kb / 7P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com