Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT574ADW Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HCT574ADW
Description  Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT574ADW Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HCT574ADW Datasheet HTML 1Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 2Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 3Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 4Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 5Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 6Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 7Page - ON Semiconductor MC74HCT574ADW Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74HCT574A
http://onsemi.com
5
EXPANDED LOGIC DIAGRAM
CLOCK
ENABLE
OUTPUT
11
1
D0
2
C
19
D
Q
Q0
D1
3
C
18
D
Q
Q1
D2
4
C
17
D
Q
Q2
D3
5
C
16
D
Q
Q3
D4
6
C
15
D
Q
Q4
D5
7
C
14
D
Q
Q5
D6
8
C
13
D
Q
Q6
D7
9
C
12
D
Q
Q7
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
CLOCK
Q
tr
tf
3.0 V
GND
2.7 V
1.3 V
0.3 V
90%
1.3 V
10%
tPLH
tPHL
tTLH
tTHL
tw
1/fmax
Q
Q
1.3 V
1.3 V
90%
10%
tPZL
tPLZ
tPZH
tPHZ
3.0 V
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
OUTPUT
ENABLE
1.3 V
Figure 3.
Figure 4. Test Circuit
Figure 5. Test Circuit
1.3 V
CLOCK
3.0 V
VALID
GND
3.0 V
GND
tsu
th
1.3 V
DATA
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k


Similar Part No. - MC74HCT574ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574ADW ONSEMI-MC74HCT574ADW Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT574ADWG ONSEMI-MC74HCT574ADWG Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT574ADWG ONSEMI-MC74HCT574ADWG Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT574ADWG ONSEMI-MC74HCT574ADWG Datasheet
124Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 11
MC74HCT574ADWR2 ONSEMI-MC74HCT574ADWR2 Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
More results

Similar Description - MC74HCT574ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT374A ONSEMI-MC74HCT374A_14 Datasheet
122Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
MC74HCT374A ONSEMI-MC74HCT374A Datasheet
185Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 11
MC74HCT374A ONSEMI-MC74HCT374A_11 Datasheet
155Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
logo
Motorola, Inc
MC54HCT374A MOTOROLA-MC54HCT374A Datasheet
119Kb / 7P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com