Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0496080 Datasheet(PDF) 1 Page - Littelfuse

Part # 0496080
Description  Blade Terminal & Special Purpose Fusel
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0496080 Datasheet(HTML) 1 Page - Littelfuse

  0496080 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Voltage
Blade Terminal & Special Purpose Fuses
Cable Pro® Cable Protector 496 Series
458
www .littelfuse .com
ELECTRICAL CHARACTERISTICS:
% of Ampere
Rating
Opening Time
100%
100 hours, Minimum
135%
120 sec., Min.; 1800 sec., Max.
200%
10 sec., Min.; 300sec., Max.
350%
1 sec., Min.; 15 sec., Max.
600%
0.3 sec., Min.; 5 sec., Max.
CABLE TYPE: SAE J1127(4 & 6 AWG) & SAE J1128(8 AWG).
INTERRUPTING RATINGS: 2000 amperes @ 32 VDC
ENVIORNMENTAL SPECIFICATIONS:
Operating Temperature Range: -40˚C to +125˚C
Catalog
Ampere
Wire
Typical Voltage Drop
Nominal Cold
Number
Rating
Size
at Rated Current (mV)*
Resistance (mΩ)*
0496 080
80
8mm2 (8AWG)
117.0
1.188
0496 100
100
8mm2 (8AWG)
119.9
0.937
0496 125
125
13mm2 (6AWG)
104.6
0.697
0496 150
150
19mm2 (4AWG)
102.1
0.555
0496 175
175
19mm2 (4AWG)
105.4
0.473
0496 200
200
19mm2 (4AWG)
97.6
0.374
0496 060
60
5mm2 (10AWG)
132.8
1.770
®
UL
ORDERING INFORMATION:
1000
100
10
1
0.1
0.01
1000
100
10
CURRENT IN AMPERES
10000
110
105
100
95
90
85
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (˚C)
Temperature Rerating Curve
* NOMINAL COLD RESISTANCE AND TYPICAL VOLTAGE DROP AT RATED CURRENT IS
MEASURED AT THE ENDS OF TWO 80.0mm(3.15”) CABLES.
RoHS


Similar Part No. - 0496080

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0496080 LITTELFUSE-0496080 Datasheet
123Kb / 1P
   CABLEPRO짰 Cable Protector Fuses Rated 32V
More results

Similar Description - 0496080

ManufacturerPart #DatasheetDescription
logo
Littelfuse
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
995 LITTELFUSE-995 Datasheet
72Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997 LITTELFUSE-997 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
298 LITTELFUSE-298 Datasheet
52Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
999 LITTELFUSE-999 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
257 LITTELFUSE-257 Datasheet
55Kb / 1P
   Blade Terminal & Special Purpose Fuses -Low Voltage
498 LITTELFUSE-498 Datasheet
66Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com