Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5186DDV Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5186DDV
Description  6-Channel, 210-W, Digital-Amplifier Power Stage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5186DDV Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5186DDV Datasheet HTML 7Page - Texas Instruments TAS5186DDV Datasheet HTML 8Page - Texas Instruments TAS5186DDV Datasheet HTML 9Page - Texas Instruments TAS5186DDV Datasheet HTML 10Page - Texas Instruments TAS5186DDV Datasheet HTML 11Page - Texas Instruments TAS5186DDV Datasheet HTML 12Page - Texas Instruments TAS5186DDV Datasheet HTML 13Page - Texas Instruments TAS5186DDV Datasheet HTML 14Page - Texas Instruments TAS5186DDV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.ti.com
TC – Case Temperature – °C
0
5
10
15
20
25
30
35
40
20
30
40
50
60
70
80
90
100
110
G009
Satellite
1 Channel
THD+N = 10%
6
8
TC – Case Temperature – °C
0
10
20
30
40
50
60
70
80
20
30
40
50
60
70
80
90
100
110
G010
3
4
Subwoofer
1 Channel
THD+N = 10%
f – Frequency – kHz
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
2
4
6
8
10
12
14
16
18
20
22
G011
Satellite
1 Channel
PVDD = 40 V
TC = 75°C
TAS5186
SLES136 – MAY 2005
TYPICAL CHARACTERISTICS, 5.1 MODE (continued)
OUTPUT POWER
OUTPUT POWER
vs
vs
CASE TEMPERATURE
CASE TEMPERATURE
Figure 9.
Figure 10.
AMPLITUDE
vs
FREQUENCY
Figure 11.
11


Similar Part No. - TAS5186DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDV TI-TAS5186ADDV Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVG4 TI-TAS5186ADDVG4 Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVR TI-TAS5186ADDVR Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVRG4 TI-TAS5186ADDVRG4 Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
More results

Similar Description - TAS5186DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A_15 Datasheet
667Kb / 21P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5176 TI-TAS5176 Datasheet
757Kb / 25P
[Old version datasheet]   6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5176 TI-TAS5176_15 Datasheet
553Kb / 24P
[Old version datasheet]   6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com