Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640 Datasheet(PDF) 1 Page - Littelfuse

Part # 640
Description  MINIATURE FUSEHOLDERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

640 Datasheet(HTML) 1 Page - Littelfuse

  640 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050901
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No. 646
646
646
646
646
Cover / No. 648
648
648
648
648
PC Mount,
PC Mount,
PC Mount,
PC Mount,
PC Mount, for 5x20mm Fuses,
for 5x20mm Fuses,
for 5x20mm Fuses,
for 5x20mm Fuses,
for 5x20mm Fuses,
lead free
lead free
lead free
lead free
lead free
Optional Cover
Optional Cover
Optional Cover
Optional Cover
Optional Cover
Specifications
Specifications
Specifications
Specifications
Specifications
Mounting
Mounting
Mounting
Mounting
Mounting
Solder pins 0.5mm x 1.2mm
Ø 3mm screw hole may be used optionally
Materials
Materials
Materials
Materials
Materials
Holder:
Black Thermoplastic, UL94 V-0
Polyamide PA 6.6
Metal Parts:
Copper alloy,
solderable, tinned
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage:
250V
Max. current/power: 6.3A/2.5W
5A/1W (with No. 648)
6.3A/1.6W (with No. 640)
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2mm2
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
1.6g
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (1000 pcs.)
Materials
Materials
Materials
Materials
Materials
Cover:
Transparent Thermoplastic,
UL94 V-0, Polycarbonate PC
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
1.0g
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (2000 pcs.)
Specifications are subject
to change without notice
Adapter / No. 640
640
640
640
640
Contact Littelfuse for an auto-insertable
fuse, holder and adapter assembly.
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order
Order
Order
Order
Order
Series
Series
Series
Series
Series
TTTTType
ype
ype
ype
ype
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
646
0000
TTTTType
ype
ype
ype
ype
Pic
Pic
Pic
Pic
Pic
Meas.“A”
Meas.“A”
Meas.“A”
Meas.“A”
Meas.“A” for PCB-Thickness
for PCB-Thickness
for PCB-Thickness
for PCB-Thickness
for PCB-Thickness
100
1
5mm
3mm
122
1
3.2mm
1.5mm
123
2
3.3mm
1.5mm
Pic 1
Pic 1
Pic 1
Pic 1
Pic 1
Pic 2
Pic 2
Pic 2
Pic 2
Pic 2
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order
Order
Order
Order
Order
Series
Series
Series
Series
Series
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
648
0000
100
Mounting
Mounting
Mounting
Mounting
Mounting
Hand adapter can be optionally used with
Holder No. 646 and 647
Materials
Materials
Materials
Materials
Materials
Adapter:
Polyester PBT, UL94 V-0
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
1.0g
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (5000 pcs.)
Colours
Colours
Colours
Colours
Colours
Adapter black
100
Adapter brown
140
Adapter white
150
Adapter yellow
160
Adapter green
170
Adapter blue
190
Optional Adapter
Optional Adapter
Optional Adapter
Optional Adapter
Optional Adapter
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order
Order
Order
Order
Order
Series
Series
Series
Series
Series
Colour
Colour
Colour
Colour
Colour
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
640
0000


Similar Part No. - 640

ManufacturerPart #DatasheetDescription
logo
Littelfuse
640 LITTELFUSE-640 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
logo
Oscilent Corporation
640 OSCILENT-640 Datasheet
141Kb / 3P
   Quartz Stability
logo
3M Electronics
640 3M-640 Datasheet
567Kb / 6P
   3M??Scotch짰 Transparent Film Tape 640
logo
Oscilent Corporation
640-260.0M OSCILENT-640-260.0M Datasheet
141Kb / 3P
   One-Port 180째 SAW
640-260.0M OSCILENT-640-260.0M Datasheet
141Kb / 3P
   Quartz Stability
More results

Similar Description - 640

ManufacturerPart #DatasheetDescription
logo
Littelfuse
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
601 LITTELFUSE-601 Datasheet
99Kb / 1P
   MINIATURE FUSEHOLDERS
649 LITTELFUSE-649 Datasheet
94Kb / 1P
   MINIATURE FUSEHOLDERS
518 LITTELFUSE-518 Datasheet
69Kb / 1P
   MINIATURE FUSEHOLDERS
523 LITTELFUSE-523 Datasheet
85Kb / 1P
   MINIATURE FUSEHOLDERS
268 LITTELFUSE-268 Datasheet
109Kb / 1P
   MINIATURE FUSEHOLDERS
595 LITTELFUSE-595 Datasheet
168Kb / 1P
   MINIATURE FUSEHOLDERS
596 LITTELFUSE-596 Datasheet
216Kb / 1P
   MINIATURE FUSEHOLDERS
652 LITTELFUSE-652 Datasheet
76Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com