Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04820006ZXPF Datasheet(PDF) 2 Page - Littelfuse

Part # 04820006ZXPF
Description  Blade Terminal & Special Purpose Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

04820006ZXPF Datasheet(HTML) 2 Page - Littelfuse

  04820006ZXPF Datasheet HTML 1Page - Littelfuse 04820006ZXPF Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Blade Terminal & Special Purpose Fuses
462
www .littelfuse .com
482 Series 20A Panel Mount Fuseholder
Panel Mount – 20A: The 20 ampere single pole holder is designed to
accept all fuse ratings up to 20 amperes. 20 ampere fuseholders should
be spaced 12.7mm (0.50) apart when loaded to maximum capacity,
center to center to insure proper heat dissipation under normal
operation. Heatsinking may be required for operation in higher ambient
temperatures or alternate configurations.
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and the Components Acceptance Program
of CSA.
AGENCY FILE NUMBERS: UL E71611, CSA LR 29862
SPECIFICATIONS:
Panel Mount – 20A: Rated at 20 amperes up to 125 VAC/VDC
Body Material: Black Phenolic
Fuse Terminals: Tin-plated Copper Alloy
Alarm Terminal: Tin-plated Copper Alloy
Operating Temperature: -40o to +85oC
ORDERING INFORMATION:
CATALOG NUMBER: 0482 2001ZXPF
21.8mm
(.86"
)
± .005
6.9mm
(.27"
)
± .005
6.4mm
(.25")
RECOMMENDED PANEL
MOUNTING HOLES
30.9mm (1.215")
30.7mm (1.210")
30.9mm
(1.212")
Ø 4.1mm
(.160")
MOUNTING HOLE
(2 HOLES)
TYPICAL CUT-OUT IN
PANEL OR CHASSIS
.150''
DIA,
(2 Holes)
21.34mm (.84")
(1.47")
37.34mm
0.6mm
(.025")
TYP
1.6mm
(.062")
TYP
15.7mm
(.62")
9.0mm (.355")
18.5mm
(.73"
)
±.010
12.4mm
(.49"
)
±.010
24.9mm
(.98"
)
±.03
21.3mm
(.84")
6.4mm
(.25")
Panel
Mount
482 Series Panel Mount Fuseholder
Panel Mount – 15A: 15 ampere gangable version of fuseholder is keyed
to prevent insertion of 20 ampere fuse. Please contact Littelfuse for
ordering information.
FEMALE & MALE LATCHING
WITH TABS
FEMALE & MALE LATCHING
WITH TABS AND NO MOUNTING HOLES
FEMALE LATCHING & FLUSH SIDE
WITH TABS
37.1mm
(1.46")
6.4mm
(.25")
A
0.6mm
(.025")
TYP
1.6mm
(.062")
TYP
15.7mm
(.62")
9.0mm (.355")
18.5mm
(.73"
)
±.010
12.4mm
(.49"
)
±.010
24.9mm
(.98"
)
±.03
21.3mm
(.84")
30.9mm (1.215")
30.7mm (1.210")
TYPICAL HOLDER ASSEMBLY
21.8mm
(.86"
)
± .005
6.9mm
(.27"
)
± .005
30.9mm (1.215")
30.7mm (1.210")
Ø 4.1mm
(.160")
MOUNTING HOLE
(2 HOLES)
TYPICAL CUT-OUT IN
PANEL OR CHASSIS
6.4mm
(.25")
Catalog Number
Catalog Number
Panel Mount
Panel Mount Flush
Type
Length (A)
ORDERING INFORMATION: Panel Mount –15A
0482 0001ZXP
0482 0002ZXP
0482 0003ZXP
0482 0004ZXP
0482 0005ZXP
0482 0006ZXP
0482 0007ZXP
0482 0008ZXP
0482 0009ZXP
0482 00010ZXP
0482 00011ZXP
0482 00012ZXP
0482 00013ZXP
0482 00014ZXP
0482 00015ZXP
0482 00016ZXP
0482 00017ZXP
0482 00018ZXP
0482 00019ZXP
0482 00020ZXP
0482 0001ZXPF
0482 0002ZXPF
0482 0003ZXPF
0482 0004ZXPF
0482 0005ZXPF
0482 0006ZXPF
0482 0007ZXPF
0482 0008ZXPF
0482 0009ZXPF
0482 00010ZXPF
0482 00011ZXPF
0482 00012ZXPF
0482 00013ZXPF
0482 00014ZXPF
0482 00015ZXPF
0482 00016ZXPF
0482 00017ZXPF
0482 00018ZXPF
0482 00019ZXPF
0482 00020ZXPF
1 Pole
2 Pole
3 Pole
4 Pole
5 Pole
6 Pole
7 Pole
8 Pole
9 Pole
10 Pole
11 Pole
12 Pole
13 Pole
14 Pole
15 Pole
16 Pole
17 Pole
18 Pole
19 Pole
20 Pole
6.40mm (.25”)
12.80mm (.50")
19.05mm (.75")
25.40mm (1.0")
31.75mm (1.25")
38.10mm (1.50")
44.45mm (1.75")
50.80mm (2.00")
57.15mm (2.25")
63.50mm (2.50")
69.85mm (2.75")
76.20mm (3.00")
82.55mm (3.25")
88.90mm (3.50")
95.25mm (3.75")
101.60mm (4.00")
107.95mm (4.25")
114.30mm (4.50")
120.65mm (4.75")
127.00mm (5.00")
* For additional terminal lengths please contact Littelfuse.


Similar Part No. - 04820006ZXPF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04820010ZXB LITTELFUSE-04820010ZXB Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820010ZXBF LITTELFUSE-04820010ZXBF Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820010ZXP LITTELFUSE-04820010ZXP Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820010ZXPF LITTELFUSE-04820010ZXPF Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820011ZXB LITTELFUSE-04820011ZXB Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
More results

Similar Description - 04820006ZXPF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
LVSP LITTELFUSE-LVSP Datasheet
89Kb / 2P
   Blade Terminal & Special Purpose Fuses - Surge Fuses
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
995 LITTELFUSE-995 Datasheet
72Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997 LITTELFUSE-997 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
298 LITTELFUSE-298 Datasheet
52Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
498 LITTELFUSE-498 Datasheet
66Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
297 LITTELFUSE-297 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
999 LITTELFUSE-999 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com