Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W942508CH Datasheet(PDF) 11 Page - Winbond

Part # W942508CH
Description  8M x 4 BANKS x 8 BIT DDR SDRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W942508CH Datasheet(HTML) 11 Page - Winbond

Back Button W942508CH Datasheet HTML 7Page - Winbond W942508CH Datasheet HTML 8Page - Winbond W942508CH Datasheet HTML 9Page - Winbond W942508CH Datasheet HTML 10Page - Winbond W942508CH Datasheet HTML 11Page - Winbond W942508CH Datasheet HTML 12Page - Winbond W942508CH Datasheet HTML 13Page - Winbond W942508CH Datasheet HTML 14Page - Winbond W942508CH Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
W942508CH
Publication Release Date: May 21, 2003
- 11 -
Revision A3
7.6 AC Characteristics and Operating Condition
(Notes: 10, 12)
-7
-75
SYM.
PARAMETER
MIN.
MAX.
MIN.
MAX.
UNITS NOTES
tRC
Active to Ref/Active Command Period
65
65
tRFC
Ref to Ref/Active Command Period
75
75
tRAS
Active to Precharge Command Period
45
100000
45
100000
tRCD
Active to Read/Write Command Delay Time
20
20
tRAP
Active to Read with Auto Precharge Enable
15
15
nS
tCCD
Read/Write(a) to Read/Write(b) Command Period
1
1
tCK
tRP
Precharge to Active Command Period
20
20
tRRD
Active(a) to Active(b) Command Period
15
15
tWR
Write Recovery Time
15
15
tDAL
Auto Precharge Write Recovery + Precharge Time
30
30
CL = 2
7.5
15
8
15
tCK
CLK Cycle Time
CL = 2.5
7
15
7.5
15
tAC
Data Access Time from CLK, CLK
-0.75
0.75
-0.75
0.75
tDQSCK
DQS Output Access Time from CLK, CLK
-0.75
0.75
-0.75
0.75
16
tDQSQ
Data Strobe Edge to Output Data Edge Skew
0.5
0.5
nS
tCH
CLk High Level Width
0.45
0.55
0.45
0.55
tCL
CLK Low Level Width
0.45
0.55
0.45
0.55
tCK
11
tHP
CLK Half Period (minimum of actual tCH, tCL)
Min.
(tCL,tCH)
Min.
(tCL,tCH)
tQH
DQ Output Data Hold Time from DQS
THP
-0.75
THP
-0.75
nS
tRPRE
DQS Read Preamble Time
0.9
1.1
0.9
1.1
tRPST
DQS Read Postamble Time
0.4
0.6
0.4
0.6
tCK
11
tDS
DQ and DM Setup Time
0.5
0.5
tDH
DQ and DM Hold Time
0.5
0.5
tDIPW
DQ and DM Input Pulse Width (for each input)
1.75
1.75
nS
tDQSH
DQS Input High Pulse Width
0.35
0.35
tDQSL
DQS Input Low Pulse Width
0.35
0.35
tDSS
DQS Falling Edge to CLK Setup Time
0.2
0.2
tDSH
DQS Falling Edge Hold Time from CLK
0.2
0.2
tCK
11
tWPRES
Clock to DQS Write Preamble Set-up Time
0
0
nS
tWPRE
DQS Write Preamble Time
0.25
0.25
tWPST
DQS Write Postamble Time
0.4
0.4
tDQSS
Write Command to First DQS Latching Transition
0.75
1.25
0.75
1.25
11
tDSSK
UDQS – LDQS Skew (x 16)
-0.25
0.25
-0.25
0.25
tCK
tIS
Input Setup Time
0.9
0.9
tIH
Input Hold Time
0.9
0.9
tIPW
Control & Address Input Pulse Width (for each input)
2.2
2.2
tHZ
Data-out High-impedance Time from CLK, CLK
-0.75
0.75
-0.75
0.75
tLZ
Data-out Low-impedance Time from CLK, CLK
-0.75
0.75
-0.75
0.75
tT(SS)
SSTL Input Transition
0.5
1.5
0.5
1.5
nS
tWTR
Internal Write to Read Command Delay
11
tCK
tXSNR
Exit Self Refresh to non-Read Command
75
75
ns
tXSRD
Exit Self Refresh to Read Command
10
10
tCK
tREF
Refresh Time (8k)
64
64
mS
tMRD
Mode Register Set Cycle Time
15
15
nS


Similar Part No. - W942508CH

ManufacturerPart #DatasheetDescription
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
   4M X 4 BANKS X 16 BITS DDR SDRAM
W9425G6EH WINBOND-W9425G6EH Datasheet
1Mb / 50P
   4 M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9425G6EH_0812 WINBOND-W9425G6EH_0812 Datasheet
1Mb / 54P
   4 M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results

Similar Description - W942508CH

ManufacturerPart #DatasheetDescription
logo
Winbond
W982508AH WINBOND-W982508AH Datasheet
1Mb / 41P
   8M X 4 BANKS X 8 BIT SDRAM
logo
Elite Semiconductor Mem...
M14D5121632A ESMT-M14D5121632A_1 Datasheet
987Kb / 59P
   8M x 16 Bit x 4 Banks DDR II SDRAM
M14D5121632A ESMT-M14D5121632A Datasheet
980Kb / 59P
   8M x 16 Bit x 4 Banks DDR II SDRAM
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
M15F1G1664A ESMT-M15F1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks DDR3 SDRAM
M54D1G1664A ESMT-M54D1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks LPDDR2 SDRAM
logo
Mosel Vitelic, Corp
V58C265804S MOSEL-V58C265804S Datasheet
457Kb / 44P
   HIGH PERFORMANCE 2.5 VOLT 8M X 8 DDR SDRAM 4 BANKS X 2Mbit X 8
logo
Winbond
W971GG6JB WINBOND-W971GG6JB_13 Datasheet
1Mb / 87P
   8M X 8 BANKS X 16 BIT DDR2 SDRAM
W9751G6JB-25 WINBOND-W9751G6JB-25 Datasheet
1Mb / 87P
   8M x 4 BANKS x 16 BIT DDR2 SDRAM
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com