Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W942508CH Datasheet(PDF) 3 Page - Winbond

Part # W942508CH
Description  8M x 4 BANKS x 8 BIT DDR SDRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W942508CH Datasheet(HTML) 3 Page - Winbond

  W942508CH Datasheet HTML 1Page - Winbond W942508CH Datasheet HTML 2Page - Winbond W942508CH Datasheet HTML 3Page - Winbond W942508CH Datasheet HTML 4Page - Winbond W942508CH Datasheet HTML 5Page - Winbond W942508CH Datasheet HTML 6Page - Winbond W942508CH Datasheet HTML 7Page - Winbond W942508CH Datasheet HTML 8Page - Winbond W942508CH Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
W942508CH
Publication Release Date: May 21, 2003
- 3 -
Revision A3
1. GENERAL DESCRIPTION
W942508CH is a CMOS Double Data Rate synchronous dynamic random access memory (DDR
SDRAM), organized as 8,388,608 words
× 4 banks × 8 bits. Using pipelined architecture and 0.13 µm
process technology, W942508CH delivers a data bandwidth of up to 400M words per second (-5). To
fully comply with the personal computer industrial standard, W942508CH is sorted into four speed
grades: -5, -6, -7, -75 The -5 is compliant to the 200MHz/CL2.5 & CL3 specification, The -6 is
compliant to the 166MHz/CL2.5 specification, the -7 is compliant to the 143MHz/CL2.5 or
DDR266/CL2 specification, the -75 is compliant to the DDR266/CL2.5 specification.
All Inputs reference to the positive edge of CLK (except for DQ, DM, and CKE). The timing reference
point for the differential clock is when the CLK and CLK signals cross during a transition. And Write
and Read data are synschronized with the both edges of DQS (Data Strobe).
By having a programmable Mode Register, the system can change burst length, latency cycle,
interleave or sequential burst to maximize its performance. W942508CH is ideal for main memory in
high performance applications.
2. FEATURES
2.5V
±0.2V Power Supply for DDR266
2.5V
±0.2V Power Supply for DDR333
2.6V
±0.1V Power Supply for DDR400
Up to 200 MHz Clock Frequency
Double Data Rate architecture; two data transfers per clock cycle
Differential clock inputs (CLK and CLK )
DQS is edge-aligned with data for Read; center-aligned with data for Write
CAS Latency: 2, 2.5 and 3
Burst Length: 2, 4 and 8
Auto Refresh and Self Refresh
Precharged Power Down and Active Power Down
Write Data Mask
Write Latency = 1
8K Refresh cycles / 64 mS
Interface: SSTL-2
Packaged in TSOP II 66-pin, 400 x 875mil, 0.65mm pin pitch


Similar Part No. - W942508CH

ManufacturerPart #DatasheetDescription
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
   4M X 4 BANKS X 16 BITS DDR SDRAM
W9425G6EH WINBOND-W9425G6EH Datasheet
1Mb / 50P
   4 M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9425G6EH_0812 WINBOND-W9425G6EH_0812 Datasheet
1Mb / 54P
   4 M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results

Similar Description - W942508CH

ManufacturerPart #DatasheetDescription
logo
Winbond
W982508AH WINBOND-W982508AH Datasheet
1Mb / 41P
   8M X 4 BANKS X 8 BIT SDRAM
logo
Elite Semiconductor Mem...
M14D5121632A ESMT-M14D5121632A_1 Datasheet
987Kb / 59P
   8M x 16 Bit x 4 Banks DDR II SDRAM
M14D5121632A ESMT-M14D5121632A Datasheet
980Kb / 59P
   8M x 16 Bit x 4 Banks DDR II SDRAM
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
M15F1G1664A ESMT-M15F1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks DDR3 SDRAM
M54D1G1664A ESMT-M54D1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks LPDDR2 SDRAM
logo
Mosel Vitelic, Corp
V58C265804S MOSEL-V58C265804S Datasheet
457Kb / 44P
   HIGH PERFORMANCE 2.5 VOLT 8M X 8 DDR SDRAM 4 BANKS X 2Mbit X 8
logo
Winbond
W971GG6JB WINBOND-W971GG6JB_13 Datasheet
1Mb / 87P
   8M X 8 BANKS X 16 BIT DDR2 SDRAM
W9751G6JB-25 WINBOND-W9751G6JB-25 Datasheet
1Mb / 87P
   8M x 4 BANKS x 16 BIT DDR2 SDRAM
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com