Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K302L-IH Datasheet(PDF) 9 Page - TDK Electronics

Part # 73K302L-IH
Description  Single-Chip Modem
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K302L-IH Datasheet(HTML) 9 Page - TDK Electronics

Back Button 73K302L-IH Datasheet HTML 5Page - TDK Electronics 73K302L-IH Datasheet HTML 6Page - TDK Electronics 73K302L-IH Datasheet HTML 7Page - TDK Electronics 73K302L-IH Datasheet HTML 8Page - TDK Electronics 73K302L-IH Datasheet HTML 9Page - TDK Electronics 73K302L-IH Datasheet HTML 10Page - TDK Electronics 73K302L-IH Datasheet HTML 11Page - TDK Electronics 73K302L-IH Datasheet HTML 12Page - TDK Electronics 73K302L-IH Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
73K302L
Bell 212A, 103, 202
Single-Chip Modem
9
CONTROL REGISTER 0
D7
D6
D5
D4
D3
D2
D1
D0
CR0
000
MODUL.
OPTION
0
TRANSMIT
MODE 3
TRANSMIT
MODE 2
TRANSMIT
MODE 1
TRANSMIT
MODE 0
TRANSMIT
ENABLE
ANSWER/
ORIGINATE
BIT NO.
NAME
CONDITION
DESCRIPTION
0
Selects answer mode in 103 and 212A modes (transmit
in high band, receive in low band) or in Bell 202 mode,
receive at 1200 bit/s and transmit at 150 bit/s.
Selects originate mode in 103 and 212A modes (transmit
in low band, receive in high band) or in Bell 202 mode,
receive at 150 bit/s and transmit at 1200 bit/s.
D0
Answer/
Originate
1
Note: This bit works with TR bit D0 to program special tones
detected in Tone Register. See detect and tone registers.
0
Disables transmit output at TXA.
Enables transmit output at TXA.
D1
Transmit
Enable
1
Note: Answer tone and DTMF TX control require TX
enable.
D5 D4 D3 D2
00
0
0
Selects power down mode. All functions disabled except
digital interface.
00
0
1
Internal synchronous mode. In this mode TXCLK is an
internally derived 1200 Hz signal. Serial input data
appearing at TXD must be valid on the rising edge of
TXCLK. Receive data is clocked out of RXD on the falling
edge of RXCLK.
00
1
0
External synchronous mode. Operation is identical to
internal synchronous, but TXCLK is connected internally
to EXCLK pin, and a 1200 Hz ± 0.01% clock must be
supplied externally.
0
0
1
1
Slave synchronous mode. Same operation as other
synchronous modes. TXCLK is connected internally to
the RXCLK pin in this mode.
0
1
0
0
Selects DPSK asynchronous mode - 8 bits/character
(1 start bit, 6 data bits, 1 stop bit).
01
0
1
Selects DPSK asynchronous mode - 9 bits/character
(1 start bit, 7 data bits, 1 stop bit).
0
1
1
0
Selects DPSK asynchronous mode - 10 bits/character
(1 start bit, 8 data bits, 1 stop bit).
0
1
1
1
Selects DPSK asynchronous mode - 11 bits/character
(1 start bit, 8 data bits, Parity and 1 or 2 stop bits).
D5, D4,D3, D2
Transmit
Mode
1
1
0
0
Selects 103 or 202 FSK operation.


Similar Part No. - 73K302L-IH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
More results

Similar Description - 73K302L-IH

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
73K324L TERIDIAN-73K324L Datasheet
244Kb / 30P
   Single-Chip Modem
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
   Advanced Single Chip Modem
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
   Advanced Single Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com