Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC650 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC650
Description  12-Bit 500MHz DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC650 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DAC650 Datasheet HTML 2Page - Burr-Brown (TI) DAC650 Datasheet HTML 3Page - Burr-Brown (TI) DAC650 Datasheet HTML 4Page - Burr-Brown (TI) DAC650 Datasheet HTML 5Page - Burr-Brown (TI) DAC650 Datasheet HTML 6Page - Burr-Brown (TI) DAC650 Datasheet HTML 7Page - Burr-Brown (TI) DAC650 Datasheet HTML 8Page - Burr-Brown (TI) DAC650 Datasheet HTML 9Page - Burr-Brown (TI) DAC650 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
®
DAC650
6
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C unless otherwise noted.
SPURIOUS FREE DYNAMIC RANGE
vs CLOCK FREQUENCY
(Span = DC to f
CLK/2)
80
70
60
50
40
0
100
200
300
400
500
Clock Frequency (MHz)
f
OUT = 10MHz
f
OUT = 50MHz
f
OUT = 1MHz
f
OUT = 20MHz
SPURIOUS FREE DYNAMIC RANGE
vs CLOCK FREQUENCY
(Span = DC to 200MHz)
Clock Frequency (MHz)
60
55
50
45
40
300
350
400
450
500
f
OUT = 100MHz
f
OUT = 125MHz
SPURIOUS FREE DYNAMIC RANGE
vs OUTPUT FREQUENCY
(Span = DC to 200MHz)
Output Frequency (MHz)
0
20
40
60
80
100
120
140
80
70
60
50
40
f
CLK = 400MHz
f
CLK = 500MHz
SPURIOUS FREE DYNAMIC RANGE
vs OUTPUT FREQUENCY
(Span = DC to f
CLK/2)
Output Frequency (MHz)
0
20
40
60
80
100
120
140
80
70
60
50
40
f
CLK = 100MHz
f
CLK = 200MHz
f
CLK = 300MHz


Similar Part No. - DAC650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6551-Q1 TI1-DAC6551-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC6551AQDGKRQ1 TI1-DAC6551AQDGKRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI1-DAC6571 Datasheet
732Kb / 25P
[Old version datasheet]   INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
[Old version datasheet]   INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC650

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com