Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC650JL Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC650JL
Description  12-Bit 500MHz DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC650JL Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC650JL Datasheet HTML 3Page - Burr-Brown (TI) DAC650JL Datasheet HTML 4Page - Burr-Brown (TI) DAC650JL Datasheet HTML 5Page - Burr-Brown (TI) DAC650JL Datasheet HTML 6Page - Burr-Brown (TI) DAC650JL Datasheet HTML 7Page - Burr-Brown (TI) DAC650JL Datasheet HTML 8Page - Burr-Brown (TI) DAC650JL Datasheet HTML 9Page - Burr-Brown (TI) DAC650JL Datasheet HTML 10Page - Burr-Brown (TI) DAC650JL Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
®
DAC650
10
If only one output is used, the unused output should be
terminated identically. If the terminations cannot be identi-
cal and the unused output must be unterminated, the termi-
nation for the used output should be as close as possible to
the DAC650.
LAYOUT AND POWER SUPPLIES
A multilayer PC board with a solid ground and power planes
is recommended. An example of a typical circuit configura-
tion is given in Figures 8. The DAC650 has multiple ground
pins to minimize pin impedances. All of the ground pins
(analog and digital both) should be connected directly to the
analog ground plane at the DAC650.
Wide busses for the power paths are recommended as good
general practice. There are several internal power supply
bypass capacitors, but external bypassing is still recom-
mended. A 10
µF tantalum capacitor in parallel with a
0.01
µF chip capacitor will be sufficient in most applications.
Pin 64, Analog VEE, should be connected to the same supply
as the digital VEE pins (–5.2V).
MAXIMIZING PERFORMANCE
The DAC650 has been designed to give a very clean analog
output with minimal noise, overshoot, and ringing. In addi-
tion to optimizing the layout and ground of the DAC650,
there are other important issues to consider when optimizing
the performance of this DAC in various AC applications.
The DAC650 includes an internal 50
Ω output impedance to
simplify output interfacing to a 50
Ω load. Because some
loads may be a complex impedance, care must be taken to
match the output impedance with the load. Mismatching of
impedances can cause reflections which will affect the
measured AC performance parameters such as settling time,
harmonic distortion, rise/fall times, etc. Often complex im-
pedances can be matched by placing a variable 3 to 10pF
capacitor at the output of the DAC to ground. Also, probing
the output can present a complex impedance.
The typical performance curves of Spurious Free Dynamic
Range vs various combinations of clock rate and/or input
frequency should give a general idea of the spectral perfor-
mance of the DAC under system specific clock and output
frequencies. We have defined Spurious Free Dynamic Range
as any harmonic or non-harmonic spurs in the indicated
bandwidth . In phase lock loop applications, the harmonics
often fall outside the loop bandwidth of the PLL. In these
cases, as well as cases where the output is filtered, Spurious
BIT
VOLTAGE (No External Load)
CURRENT
1
1V
20mA
2
.5V
10mA
3
0.25V
5mA
4
0.125V
2.5mA
5
62.5mV
1.25mA
6
31.25mV
625
µA
7
15.625mV
312.5
µA
8
7.8125mV
156.25
µA
9
3.9063mV
78.125
µA
10
1.9531mV
39.06
µA
11
976
µV
19.53
µA
12 (LSB)
488
µV
9.76
µA
TABLE I. Nominal Bit Weight Values.
TABLE II. Input Code vs Output Voltage Relationships.
INPUT BITS
OUTPUT VOLTAGES
1 2 3 4 5 6 7 8 9 10 11 12
VOUT
NVOUT
0000 0 000 0
0
0
0
+1.000
–1 + 488
µV
0000 0 000 0
0
0
1
+1 – 488
µV
–1 + 976
µV
0000 0 000 0
0
1
0
+1 – 976
µV
–1 + 1.464mV
0100 0 000 0
0
0
0
0.50
–0.50 + 488
µV
1000 0 000 0
0
0
0
0.000
+488
µV
1111 1 111 1
1
1
1
–1 + 488
µV
+1.000
FIGURE 5. Using an RF Transformer at the Output of the
DAC650. Filtering the Outputs Before the
Transformer Improves the Performance in Some
Applications.
DAC650
V
OUT
39
40
41
45
46
47
V
OUT
Load
Mini Circuits
TT5-1A
FIGURE 6. A High Speed Single Ended Amplifier at the
Output. The Gain is –R
F/50Ω.
DAC650
V
OUT
39
40
41
45
46
47
V
OUT
OPA64X
or
OPA600
FIGURE 7. A High Speed Differential Amplifier at the
Output.
DAC650
V
OUT
39
40
41
45
46
47
V
OUT
OPA64X
or
OPA600
R
F


Similar Part No. - DAC650JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6551-Q1 TI1-DAC6551-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC6551AQDGKRQ1 TI1-DAC6551AQDGKRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI1-DAC6571 Datasheet
732Kb / 25P
[Old version datasheet]   INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
[Old version datasheet]   INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC650JL

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com