Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC51C1XXX-16CAD Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # TSC51C1XXX-16CAD
Description  8-Bit Microcontroller for Digital Computer Monitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC51C1XXX-16CAD Datasheet(HTML) 1 Page - TEMIC Semiconductors

  TSC51C1XXX-16CAD Datasheet HTML 1Page - TEMIC Semiconductors TSC51C1XXX-16CAD Datasheet HTML 2Page - TEMIC Semiconductors TSC51C1XXX-16CAD Datasheet HTML 3Page - TEMIC Semiconductors TSC51C1XXX-16CAD Datasheet HTML 4Page - TEMIC Semiconductors TSC51C1XXX-16CAD Datasheet HTML 5Page - TEMIC Semiconductors TSC51C1XXX-16CAD Datasheet HTML 6Page - TEMIC Semiconductors TSC51C1XXX-16CAD Datasheet HTML 7Page - TEMIC Semiconductors TSC51C1XXX-16CAD Datasheet HTML 8Page - TEMIC Semiconductors TSC51C1XXX-16CAD Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TSC8051C1
Rev. D (14 Jan. 97)
1
MATRA MHS
1. Introduction
The TSC8051C1 is a stand–alone high performance
CMOS 8–bit embedded microcontroller and is designed
for use in CRT monitors. It is also suitable for automotive
and industrial applications.
The TSC8051C1 includes the fully static 8–bit “80C51”
CPU core with 256 bytes of RAM; 8 Kbytes of ROM; two
16–bit timers; 12 PWM Channels; a 6 sources and 2–level
interrupt controller; a full duplex serial port; a full I2C
™*
interface; a watchdog timer and on–chip oscillator.
In addition, the TSC8051C1 has 2 software selectable
modes of reduced activity for further reduction in power
consumption. In the idle mode the CPU is frozen while
the RAM, the timers, the serial ports, and the interrupt
system continue to function. In the power down mode the
RAM is saved and all other functions are inoperative.
The TSC8051C1 enables the users reducing a lot of
external
discrete
components
while
bringing
the
maximum of flexibility.
2. Features
D Boolean processor
D Fully static design
D 8K bytes of ROM
D 256 bytes of RAM
D 2 x 16–bit timer/counter
D Programmable serial port
D Programmable Multimaster I2C controller
D 6 interrupt sources:
G External interrupts (2)
G Timers interrupt (2)
G Serial port interrupt
G I2C interrupt
D Watchdog reset
D On chip oscillator for crystal or ceramic resonator
D 2 power saving control modes:
G Idle mode
G Power–down mode
D Controlled HSYNC & VSYNC outputs
D Up to 12 programmable PWM channels with 8–bit
resolution
D Up to 32 programmable I/O lines depending on the
package
D 40 pins DIP, 44 pins PQFP, 44 and 52 pins PLCC
packages
D Commercial and industrial temperature ranges
D Operating Frequency: 12 MHz to 16 MHz
8-Bit Microcontroller for Digital Computer Monitors
* I2C is a trademark of PHILIPS Corporation


Similar Part No. - TSC51C1XXX-16CAD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC51C2XXX12CAB TEMIC-TSC51C2XXX12CAB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAD TEMIC-TSC51C2XXX12CAD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAR TEMIC-TSC51C2XXX12CAR Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBB TEMIC-TSC51C2XXX12CBB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBD TEMIC-TSC51C2XXX12CBD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Similar Description - TSC51C1XXX-16CAD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC8051C2 TEMIC-TSC8051C2 Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com