Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC16374GQLR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AUC16374GQLR
Description  16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC16374GQLR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUC16374GQLR Datasheet HTML 1Page - Texas Instruments SN74AUC16374GQLR Datasheet HTML 2Page - Texas Instruments SN74AUC16374GQLR Datasheet HTML 3Page - Texas Instruments SN74AUC16374GQLR Datasheet HTML 4Page - Texas Instruments SN74AUC16374GQLR Datasheet HTML 5Page - Texas Instruments SN74AUC16374GQLR Datasheet HTML 6Page - Texas Instruments SN74AUC16374GQLR Datasheet HTML 7Page - Texas Instruments SN74AUC16374GQLR Datasheet HTML 8Page - Texas Instruments SN74AUC16374GQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
Switching Characteristics
SN74AUC16374
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES403D – JULY 2002 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
0.8 V to 2.7 V
VCC – 0.1
IOH = –0.7 mA
0.8 V
0.55
IOH = –3 mA
1.1 V
0.8
VOH
V
IOH = –5 mA
1.4 V
1
IOH = –8 mA
1.65 V
1.2
IOH = –9 mA
2.3 V
1.8
IOL = 100 µA
0.8 V to 2.7 V
0.2
IOL = 0.7 mA
0.8 V
0.25
IOL = 3 mA
1.1 V
0.3
VOL
V
IOL = 5 mA
1.4 V
0.4
IOL = 8 mA
1.65 V
0.45
IOL = 9 mA
2.3 V
0.6
II
All inputs
VI = VCC or GND
0 to 2.7 V
±5
µA
Ioff
VI or VO = 2.7 V
0
±10
µA
IOZ
VO = VCC or GND
2.7 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
20
µA
Ci
VI = VCC or GND
2.5 V
3
pF
Co
VO = VCC or GND
2.5 V
5
pF
(1)
All typical values are at TA = 25°C.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
UNIT
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
85
250
250
250
250
MHz
tw
Pulse duration, CLK high or low
5.9
1.9
1.9
1.9
1.9
ns
tsu
Setup time, data before CLK
1.4
1.2
0.7
0.6
0.6
ns
th
Hold time, data after CLK
0.1
0.4
0.4
0.4
0.4
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
fmax
85
250
250
250
250
MHz
tpd
CLK
Q
7.3
1
4.5
0.8
2.9
0.7
1.5
2.8
0.7
2.2
ns
ten
OE
Q
7
1.2
5.3
0.8
3.6
0.8
1.5
2.9
0.7
2.2
ns
tdis
OE
Q
8.2
2
7.1
1
4.8
1.4
2.7
4.5
0.5
2.2
ns
4


Similar Part No. - SN74AUC16374GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16374 TI1-SN74AUC16374 Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGGR TI1-SN74AUC16374DGGR Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGVR TI1-SN74AUC16374DGVR Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374ZQLR TI1-SN74AUC16374ZQLR Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI1-SN74AUC16374_14 Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUC16374GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374A TI1-SN74LVC16374A_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74LVCH16374A TI-SN74LVCH16374A_04 Datasheet
300Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16374 PERICOM-PI74ALVCH16374 Datasheet
337Kb / 5P
   16-Bit Edge Triggered D-Type Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ACT16374Q-EP TI-SN74ACT16374Q-EP Datasheet
134Kb / 8P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com