Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS128K32V-20H1M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS128K32V-20H1M
Description  128Kx32 3.3V SRAM MULTICHIP PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS128K32V-20H1M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS128K32V-20H1M Datasheet HTML 1Page - List of Unclassifed Manufacturers WS128K32V-20H1M Datasheet HTML 2Page - List of Unclassifed Manufacturers WS128K32V-20H1M Datasheet HTML 3Page - List of Unclassifed Manufacturers WS128K32V-20H1M Datasheet HTML 4Page - List of Unclassifed Manufacturers WS128K32V-20H1M Datasheet HTML 5Page - List of Unclassifed Manufacturers WS128K32V-20H1M Datasheet HTML 6Page - List of Unclassifed Manufacturers WS128K32V-20H1M Datasheet HTML 7Page - List of Unclassifed Manufacturers WS128K32V-20H1M Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
White Microelectronics • Phoenix, AZ • (602) 437-1520
4
WS128K32V-XXX
FIG. 3
AC TEST CIRCUIT
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
AC CHARACTERISTICS
(VCC = 3.3V, TA = -55
°C to +125°C)
Parameter
Symbol
-15*
-17
-20
-25
-35
Units
Read Cycle
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
15
17
20
25
35
ns
Address Access Time
tAA
15
17
20
25
35
ns
Output Hold from Address Change
tOH
0
000
0
ns
Chip Select Access Time
tACS
15
17
20
25
35
ns
Output Enable to Output Valid
tOE
10
11
12
15
20
ns
Chip Select to Output in Low Z
tCLZ1
5
555
5
ns
Output Enable to Output in Low Z
tOLZ1
5
555
5
ns
Chip Disable to Output in High Z
tCHZ1
8
9
10
12
15
ns
Output Disable to Output in High Z
tOHZ1
8
9
10
12
15
ns
1. This parameter is guaranteed by design but not tested.
* Commercial and Industrial only.
AC CHARACTERISTICS
(VCC = 3.3V, TA = -55
°C to +125°C)
Parameter
Symbol
-15*
-17
-20
-25
-35
Units
Write Cycle
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
15
17
20
25
35
ns
Chip Select to End of Write
tCW
13
14
15
20
30
ns
Address Valid to End of Write
tAW
13
14
15
20
30
ns
Data Valid to End of Write
tDW
10
11
12
15
18
ns
Write Pulse Width
tWP
13
14
15
20
30
ns
Address Setup Time
tAS
00
0
0
0
ns
Address Hold Time
tAH
00
0
0
0
ns
Output Active from End of Write
tOW1
55
5
5
5
ns
Write Enable to Output in High Z
tWHZ1
8
9
10
10
15
ns
Data Hold Time
tDH
00
0
0
0
ns
1. This parameter is guaranteed by design but not tested.
* Commercial and Industrial only.


Similar Part No. - WS128K32V-20H1M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XG2LX MICROSEMI-WS128K32-XG2LX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
logo
Microsemi Corporation
WS128K32-XG2UX MICROSEMI-WS128K32-XG2UX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XG4TX MICROSEMI-WS128K32-XG4TX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XH1X MICROSEMI-WS128K32-XH1X Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results

Similar Description - WS128K32V-20H1M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
Alliance Semiconductor ...
AS7C33128NTD32B ALSC-AS7C33128NTD32B Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
logo
White Electronic Design...
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com