Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA545AL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BA545AL
Description  Low-leakage diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA545AL Datasheet(HTML) 6 Page - NXP Semiconductors

  BA545AL Datasheet HTML 1Page - NXP Semiconductors BA545AL Datasheet HTML 2Page - NXP Semiconductors BA545AL Datasheet HTML 3Page - NXP Semiconductors BA545AL Datasheet HTML 4Page - NXP Semiconductors BA545AL Datasheet HTML 5Page - NXP Semiconductors BA545AL Datasheet HTML 6Page - NXP Semiconductors BA545AL Datasheet HTML 7Page - NXP Semiconductors BA545AL Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1999 May 28
6
Philips Semiconductors
Product specification
Low-leakage diode
BAS45AL
PACKAGE OUTLINE
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
Note
1. The marking band indicates the cathode.
SOD80C
100H01
97-06-20
Hermetically sealed glass surface mounted package; 2 connectors
SOD80C
UNIT
D
mm
1.60
1.45
3.7
3.3
0.3
H
L
DIMENSIONS (mm are the original dimensions)
H
D
LL
(1)
0
1
2 mm
scale
ka


Similar Part No. - BA545AL

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5402A ROHM-BA5402A Datasheet
89Kb / 3P
   12V-4.2W Dual Power Amplifier
BA5404 ROHM-BA5404 Datasheet
204Kb / 2P
   ICs FOR AUDIO APPLICATIONS
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
   12V / 5W dual power amplifier
BA5406 ROHM-BA5406 Datasheet
160Kb / 5P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
899Kb / 9P
   5W5W Stereo Speaker Amplifiers
More results

Similar Description - BA545AL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
   Low Leakage Diode Low Leakage Switching Diode Chip
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
   Low-leakage diode
2004 Jan 26
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
   Low-leakage diode
2004 Jan 26
BAS416 NXP-BAS416_13 Datasheet
121Kb / 8P
   Low-leakage diode
2004 Jan 26
logo
Rectron Semiconductor
MMBD1501A RECTRON-MMBD1501A Datasheet
213Kb / 5P
   LOW LEAKAGE DIODE
logo
Nexperia B.V. All right...
BAS116LS-Q NEXPERIA-BAS116LS-Q Datasheet
219Kb / 10P
   Low-leakage diode
3 January 2022
logo
NXP Semiconductors
BAS716 PHILIPS-BAS716 Datasheet
61Kb / 8P
   Low-leakage diode
2003 Nov 07
BAS45AL NXP-BAS45AL Datasheet
106Kb / 11P
   Low-leakage diode
Rev. 5-6 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com