Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8111F-CG Datasheet(PDF) 31 Page - Realtek Semiconductor Corp.

Part # RTL8111F-CG
Description  INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8111F-CG Datasheet(HTML) 31 Page - Realtek Semiconductor Corp.

Back Button RTL8111F-CG Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 28Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 29Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 30Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 31Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 32Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 33Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 34Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 35Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
RTL8111F
Datasheet
Integrated Gigabit Ethernet Controller for PCI Express
26
Track ID: JATR-2265-11
Rev. 1.1
8.8.2.
Differential Receiver Parameters
Table 26. Differential Receiver Parameters
Symbol
Parameter
Min.
Typical
Max.
Units
UI
Unit Interval
399.88
400
400.12
ps
VRX-DIFFp-p
Differential Input Peak-to-Peak Voltage
0.175
-
1.05
V
TRX-EYE
Minimum Receiver Eye Width
0.4
-
-
UI
TRX-EYE-MEDIAN-to-
MAX-JITTER
Maximum Time Between The Jitter Median and
Maximum Deviation from The Median
-
-
0.3
UI
VRX-CM-ACp
AC Peak Common Mode Input Voltage
-
-
150
mV
RLRX-DIFF
Differential Return Loss
10
-
-
dB
RLRX-CM
Common Mode Return Loss
6
-
-
dB
ZRX-DIFF-DC
DC Differential Input Impedance
80
100
120
ZRX--DC
DC Input Impedance
40
50
60
ZRX-HIGH-IMP-DC
Powered Down DC Input Impedance
200k
-
-
VRX-IDLE-DET-DIFFp-p Electrical Idle Detect Threshold
65
-
175
mV
TRX-IDLE-DET-
DIFFENTERTIME
Unexpected Electrical Idle Enter Detect Threshold
Integration Time
-
-
10
ms
LRX-SKEW
Total Skew
-
-
20
ns
Note: Refer to PCI Express Base Specification, rev.1.1, for correct measurement environment setting of each parameter.
8.8.3.
REFCLK Parameters
Table 27. REFCLK Parameters
Symbol
Parameter
100MHz Input
Min
Max
Units
Note
Rise Edge Rate
Rising Edge Rate
0.6
4.0
V/ns
2, 3
Fall Edge Rate
Falling Edge Rate
0.6
4.0
V/ns
2, 3
VIH
Differential Input High Voltage
+150
-
mV
2
VIL
Differential Input Low Voltage
-
-150
mV
2
VCROSS
Absolute Crossing Point Voltage
+250
+550
mV
1, 4, 5
VCROSS DELTA
Variation of VCROSS Over All Rising Clock Edges
-
+140
mV
1, 4, 9
VRB
Ring-Back Voltage Margin
-100
+100
mV
2, 12
TSTABLE
Time before VRB is Allowed
500
-
ps
2, 12
TPERIOD AVG
Average Clock Period Accuracy
-300
+2800
ppm
2, 10, 13
TPERIOD ABS
Absolute Period
(Including Jitter and Spread Spectrum)
9.847
10.203
ns
2, 6
TCCJITTER
Cycle to Cycle Jitter
-
150
ps
2
VMAX
Absolute Maximum Input Voltage
-
+1.15
V
1, 7
VMIN
Absolute Minimum Input Voltage
-
-0.3
V
1, 8


Similar Part No. - RTL8111F-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8111 REALTEK-RTL8111 Datasheet
924Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
RTL8111-LF REALTEK-RTL8111-LF Datasheet
924Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C REALTEK-RTL8111C Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results

Similar Description - RTL8111F-CG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTL8111E-VB-GR RICHTEK-RTL8111E-VB-GR Datasheet
592Kb / 39P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Rev. 1.5 22 July 2010
logo
Realtek Semiconductor C...
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
logo
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
563Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com