Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8111F-CG Datasheet(PDF) 24 Page - Realtek Semiconductor Corp.

Part # RTL8111F-CG
Description  INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8111F-CG Datasheet(HTML) 24 Page - Realtek Semiconductor Corp.

Back Button RTL8111F-CG Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 28Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
RTL8111F
Datasheet
Integrated Gigabit Ethernet Controller for PCI Express
19
Track ID: JATR-2265-11
Rev. 1.1
6.7. Receive-Side Scaling (RSS)
The RTL8111F complies with the Network Driver Interface Specification (NDIS) 6.0 Receive-Side
Scaling (RSS) technology for the Microsoft Windows family of operating systems. RSS allows packet
receive-processing from a network adapter to be balanced across the number of available computer
processors, increasing performance on multi-CPU platforms.
6.7.1.
Receive-Side Scaling (RSS) Initialization
During RSS initialization, the Windows operating system will inform the RTL8111F that it should store
the following parameters: hash function, hash type, hash bits, indirection table, BaseCPUNumber, and the
secret hash key.
Hash Function
The default hash function is the Toeplitz hash function.
Hash Type
The hash types indicate which field of the packet needs to be hashed to get the hash result. There are
several combinations of these fields, mainly, TCP/IPv4, IPv4, TCP/IPv6, IPv6, and IPv6 extension
headers.
• TCP/IPv4 requires hash calculations over the IPv4 source address, the IPv4 destination address, the
source TCP port and the destination TCP port.
• IPv4 requires hash calculations over the IPv4 source address and the IPv4 destination address.
• TCP/IPv6 requires hash calculations over the IPv6 source address, the IPv6 destination address, the
source TCP port and the destination TCP port.
• IPv6 requires hash calculations over the IPv6 source address and the IPv6 destination address
(Note: The RTL8111F does not support the IPv6 extension header hash type in RSS).
Hash Bits
Hash bits are used to index the hash result into the indirection table
Indirection Table
The Indirection Table stores values that are added to the BaseCPUNumber to enable RSS interrupts to be
restricted from some CPUs. The OS will update the Indirection Table to rebalance the load.
BaseCPUNumber
The lowest number CPU to use for RSS. BaseCPUNumber is added to the result of the indirection table
lookup.
Secret Hash Key
The key used in the Toeplitz function. For different hash types, the key size is different.


Similar Part No. - RTL8111F-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8111 REALTEK-RTL8111 Datasheet
924Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
RTL8111-LF REALTEK-RTL8111-LF Datasheet
924Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C REALTEK-RTL8111C Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results

Similar Description - RTL8111F-CG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTL8111E-VB-GR RICHTEK-RTL8111E-VB-GR Datasheet
592Kb / 39P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Rev. 1.5 22 July 2010
logo
Realtek Semiconductor C...
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
logo
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
563Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com