Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC51C1XXX-A-16CED Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # TSC51C1XXX-A-16CED
Description  8-Bit Microcontroller for Digital Computer Monitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC51C1XXX-A-16CED Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button TSC51C1XXX-A-16CED Datasheet HTML 4Page - TEMIC Semiconductors TSC51C1XXX-A-16CED Datasheet HTML 5Page - TEMIC Semiconductors TSC51C1XXX-A-16CED Datasheet HTML 6Page - TEMIC Semiconductors TSC51C1XXX-A-16CED Datasheet HTML 7Page - TEMIC Semiconductors TSC51C1XXX-A-16CED Datasheet HTML 8Page - TEMIC Semiconductors TSC51C1XXX-A-16CED Datasheet HTML 9Page - TEMIC Semiconductors TSC51C1XXX-A-16CED Datasheet HTML 10Page - TEMIC Semiconductors TSC51C1XXX-A-16CED Datasheet HTML 11Page - TEMIC Semiconductors TSC51C1XXX-A-16CED Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TSC8051C1
Rev. D (14 Jan. 97)
8
MATRA MHS
PORT 0 BIT
TO
LE
Q
WRITE
LATCH
MUX
LATCH
WRITE
LATCH
WRITE
TO
WRITE
TO
LATCH
TO
LATCH
READ
LATCH
MUX
PORT 1 BIT
DQ
P0.X
P0.X
PIN
VCC
CONTROL
ADDR/DATA
INT.
BUS
PIN
READ
LATCH
DQ
P1.X
LATCH
LE
Q
P1.X
PIN
VCC
CONTROL
PWMX
INT.
BUS
READ
PIN
INTERNAL
PULL–UP*
READ
LATCH
DQ
P2.X
LE
Q
P2.X
PIN
VCC
CONTROL
ADDR
INT.
BUS
READ
PIN
INTERNAL
PULL–UP
READ
LATCH
DQ
P3.X
LATCH
LE
Q
P3.X
PIN
VCC
SIO1
CONTROL*
INT.
BUS
ALTERNATE
OUTPUT
FUNCTION
* Internal pull–up not present on P3.6 and P3.7 when SIO1 is enabled.
ALTERNATE
INPUT
FUNCTION
READ
PIN
INTERNAL
PULL–UP*
READ
LATCH
PORT 2 BIT
PORT 3 BIT
MUX
* Internal pull–up not present on P1.0 to P1.3 when PWM8 to PWM11
are enabled
Figure 4. Port Bit Latches and I/O buffers
6.5. Reset Circuitry
The reset circuitry for the TSC8051C1 is connected to
the reset pin RST. A Schmitt trigger is used at the input
for noise rejection (see Figure 5. ).
A reset is accomplished by holding the RST pin high for
at least two machine cycles (24 oscillator periods) while
the oscillator is running. The CPU responds by
executing an internal reset. It also configures the ALE
and PSEN pins as inputs (they are quasi–bidirectional).
A Watchdog timer underflow if enabled, will force a
reset condition to the TSC8051C1 by an internal
connection.
The internal reset is executed during the second cycle in
which reset is high and is repeated every cycle until RST
goes low. It leaves the internal registers as follows:
Register
Content
ACC
00h
B
00h
DPTR
0000h
EICON
00h
HWDR
00h
IE
0X000000b
IP
XX000000b
MSCON
XXXXXXX0b
MXCR0–1
00h
P0–P3
FFh


Similar Part No. - TSC51C1XXX-A-16CED

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC51C2XXX12CAB TEMIC-TSC51C2XXX12CAB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAD TEMIC-TSC51C2XXX12CAD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAR TEMIC-TSC51C2XXX12CAR Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBB TEMIC-TSC51C2XXX12CBB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBD TEMIC-TSC51C2XXX12CBD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Similar Description - TSC51C1XXX-A-16CED

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC8051C2 TEMIC-TSC8051C2 Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com