Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL5EG41 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GL5EG41
Description  HIGH-LUMINOSITY LED LAMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL5EG41 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GL5EG41 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL5EG41 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL5EG41 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL5EG41 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL5EG41 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL5EG41 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL5EG41 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL5EG41 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL5EG41 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LED
105
LEDs FOR CAMERA DATA BACK / LED DRIVERS
★Under development
■ LEDs FOR CAMERA DATA BACK
( ) indicates reference value.
■ LED DRIVERS
Model No.
No. of dots
Outline dimensions (mm)
Radiation color
Luminous intensity (mcd)
GW01M59001PE
7
2.6
× 2.9 (T: 0.9) Surface-mount type
Amber
(MIN. 0.4
TYP. 0.8)
GW01M59001PE
(I F = 1 mA, Ta = 25°C)
Model No.
Package
P-SSOP040-0300
P-VQFN032-0505/
WL-CSP*
1
P-VQFN024-0404
P-VQFN024-0404
IR2D07N1
IR2E46U6/Y6
IR2E47U6
IR2E48U6
Description
Function
Supply voltage
(V)
3.0 to 5.5
2.7 to 4.5
2.7 to 5.5
16-dot LED panel driver
with constant-current sink
outputs
White LED driver for
back light
RGB LED driver for
flash lights and illuminations
• Output current (constant-current sink outputs) : 60 mA (MAX.)
(setup by external resistor)
• Rated output voltage : 7 V (MAX.)
• fCLK : 20 MHz (MAX.) /16.6 MHz (MAX.) (at cascade connection)
• Output current : 20 mA (MAX.) (setup by external resistor)
• Independent current control for two systems
(4 outputs and 2 outputs)
• LED non-connected judging function
• Brightness adjustment
• Output current : 155 mA/ch (MAX.) (3ch) (in flash mode)
• Control by I
2C bus
• Illumination mode (64 levels/ch)
• Flash mode (32 levels/ch)
• Brightness adjustment
• Output current : 20 mA (MAX.)
• LED non-connected judging function
• Brightness adjustment
*1 WL-CSP : Waferr-level CSP
*2 Contact a SHARP sales office regarding a wafer-level CSP.
P-SSOP056-0600/
P-HQFN052-0707
IR2D20N/U
4.5 to 5.5
24-dot LED panel driver
with constant-current sink
outputs
• Output current (constant-current sink outputs) : 30 mA (MAX.)
(setup by external resistor)
• Graduation function (clock cycle setting or external synchronization)
• Independent current control for three systems (for RGB LED)
• LED drive voltage : 15 V
• Rated output voltage : 20 V (MAX.)
• fCLK : 20 MHz (MAX.) /16.6 MHz (MAX.) (at cascade connection)
(*2)
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may
occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the
latest device specification sheets before using any SHARP device.


Similar Part No. - GL5EG41

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL5EG41 SHARP-GL5EG41 Datasheet
81Kb / 4P
   첩5mm(T-1 3/4), Cylinder Type, Colored Transparency LED Lamps for Backlight/Indicator
More results

Similar Description - GL5EG41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5TR43 ETC-GL5TR43 Datasheet
81Kb / 3P
   Super-luminosity LED Lamp/High-luminosity LED Lamp
logo
Sharp Corporation
GL8T156 SHARP-GL8T156 Datasheet
463Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
Everlight Electronics C...
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
logo
Sharp Corporation
GL8UR4 SHARP-GL8UR4 Datasheet
45Kb / 2P
   2.0 X 3.1mm, Arch Type, Colored Transparency, High-luminosity LED Lamp for Indicator
logo
Everlight Electronics C...
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com