Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS820E32T-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS820E32T-4
Description  2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS820E32T-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS820E32T-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS820E32T-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS820E32T-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS820E32T-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS820E32T-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS820E32T-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS820E32T-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS820E32T-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS820E32T-4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev: 1.03 2/2000
1/23
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
D
GS820E32T/Q-150/138/133/117/100/66
64K x 32
2M Synchronous Burst SRAM
150Mhz - 66Mhz
9ns - 18ns
3.3V VDD
3.3V & 2.5V I/O
TQFP, QFP
Commercial Temp
Industrial Temp
Features
• FT pin for user configurable flow through or pipelined operation.
• Dual Cycle Deselect (DCD) Operation.
• 3.3V +10%/-5% Core power supply
• 2.5V or 3.3V I/O supply.
• LBO pin for linear or interleaved burst mode.
• Internal input resistors on mode pins allow floating mode pins.
• Default to Interleaved Pipelined Mode.
• Byte write (BW) and/or global write (GW) operation.
• Common data inputs and data outputs.
• Clock Control, registered, address, data, and control.
• Internal Self-Timed Write cycle.
• Automatic power-down for portable applications.
• JEDEC standard 100-lead TQFP or QFP package.
Functional Description
Applications
The GS820E32 is a 2,097,152 bit high performance synchronous
SRAM with a 2 bit burst address counter. Although of a type originally
developed for Level 2 Cache applications supporting high
performance CPU’s, the device now finds application in synchronous
SRAM applications ranging from DSP main store to networking chip
set support.
Controls
Addresses, data I/O’s, chip enables (E1, E2, E3), address burst control
inputs (ADSP, ADSC, ADV) and write control inputs (Bx, BW, GW) are
synchronous and are controlled by a positive edge triggered clock
input (CK). Output enable (G) and power down control (ZZ) are
asynchronous inputs. Burst cycles can be initiated with either ADSP
or ADSC inputs. In Burst mode, subsequent burst addresses are
generated internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or interleave order
with the Linear Burst Order (LBO) input. The Burst function need not
be used. New addresses can be loaded on every cycle with no
degradation of chip performance.
Flow Through / Pipeline Reads
The function of the Data Output register can be controlled by the user
via the FT mode pin/bump (Pin 14 in the TQFP, bump 1F in the FP-
BGA). Holding the FT mode pin/bump low, places the RAM in Flow
through mode, causing output data to bypass the Data Output
Register. Holding FT high places the RAM in Pipelined Mode,
activating the rising edge triggered Data Output Register.
DCD Pipelined Reads
The GS820E32 is a DCD (Dual Cycle Deselect) pipelined
synchronous SRAM. SCD (Single Cycle Deselect) versions are also
available. DCD SRAMs pipeline disable commands to the same
degree as read commands. DCD RAMs hold the deselect command
for one full cycle and then begin turning off their outputs just after the
second rising edge of clock.
Byte Write and Global Write
Byte write operation is performed by using byte write enable (BW)
input combined with one or more individual byte write signals (Bx). In
addition, Global Write (GW) is available for writing all bytes at one
time, regardless of the Byte Write control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion (High) of
the ZZ signal, or by stopping the clock (CK). Memory data is retained
during Sleep mode.
Core and Interface Voltages
The GS820E32 operates on a 3.3V power supply and all inputs/
outputs are 3.3V and 2.5V compatible. Separate output power (VDDQ)
pins are used to de-couple output noise from the internal circuit.
-150
-138
-133
-117
-100
-66
Pipeline
3-1-1-1
tCycle
tKQ
IDD
6.6ns
3.8ns
270mA
7.25ns
4ns
245mA
7.5ns
4ns
240mA
8.5ns
4.5
210mA
10ns
5ns
180mA
12.5ns
6ns
150mA
Flow
Through
2-1-1-1
tCycle
tKQ
IDD
10.5ns
9ns
170mA
15ns
9.7ns
120mA
15ns
10ns
120mA
15ns
11ns
120mA
15ns
12ns
120mA
20ns
18ns
95mA


Similar Part No. - GS820E32T-4

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS820E32AGT-133 GSI-GS820E32AGT-133 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-133I GSI-GS820E32AGT-133I Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-166 GSI-GS820E32AGT-166 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-166I GSI-GS820E32AGT-166I Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-180 GSI-GS820E32AGT-180 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Similar Description - GS820E32T-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
Alliance Semiconductor ...
AS7C332MPFD18A ALSC-AS7C332MPFD18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFS18A ALSC-AS7C252MPFS18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFD18A ALSC-AS7C252MPFD18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Samsung semiconductor
K7B403625M SAMSUNG-K7B403625M Datasheet
439Kb / 16P
   128Kx36-Bit Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com