Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25183-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM25183-Q1
Description  LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25183-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LM25183-Q1 Datasheet HTML 1Page - Texas Instruments LM25183-Q1 Datasheet HTML 2Page - Texas Instruments LM25183-Q1 Datasheet HTML 3Page - Texas Instruments LM25183-Q1 Datasheet HTML 4Page - Texas Instruments LM25183-Q1 Datasheet HTML 5Page - Texas Instruments LM25183-Q1 Datasheet HTML 6Page - Texas Instruments LM25183-Q1 Datasheet HTML 7Page - Texas Instruments LM25183-Q1 Datasheet HTML 8Page - Texas Instruments LM25183-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
EN/UVLO
VIN
FB
GND
RSET
SS/BIAS
TC
SW
5
8
7
6
4
1
2
3
3
LM25183-Q1
www.ti.com
SNVSBJ4 – APRIL 2020
Product Folder Links: LM25183-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
P = Power, G = Ground, I = Input, O = Output
5 Pin Configuration and Functions
NGU Package
8-Pin WSON With Wettable Flanks
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
SW
P
Switch node that is internally connected to the drain of the N-channel power MOSFET. Connect
to the primary-side switching terminal of the flyback transformer.
2
FB
I
Primary-side feedback pin. Connect a resistor from FB to SW. The ratio of the FB resistor to the
resistor at the RSET pin sets the output voltage.
3
VIN
P/I
Input supply connection. Source for internal bias regulators and input voltage sensing pin.
Connect directly to the input supply of the converter with short, low impedance paths.
4
EN/UVLO
I
Enable input and undervoltage lockout (UVLO) programming pin. If the EN/UVLO voltage is
below 1.1 V, the converter is in shutdown mode with all functions disabled. If the EN/UVLO
voltage is greater than 1.1 V and below 1.5 V, the converter is in standby mode with the internal
regulator operational and no switching. If the EN/UVLO voltage is above 1.5 V, the start-up
sequence begins.
5
SS/BIAS
I
Soft start or bias input. Connect a capacitor from SS/BIAS to GND to adjust the output start-up
time and input inrush current. If SS/BIAS is left open, the internal 6-ms soft-start timer is
activated. Connect an external supply to SS/BIAS to supply bias to the internal voltage regulator
and enable internal soft start.
6
TC
I
Temperature compensation pin. Tie a resistor from TC to RSET to compensate for the
temperature coefficient of the forward voltage drop of the secondary diode, thus improving
regulation at the secondary-side output.
7
RSET
I
Reference resistor tied to GND to set the reference current for FB. Connect a 12.1-k
Ω resistor
from RSET to GND.
8
GND
G
Analog and power ground. Ground connection of internal control circuits and power MOSFET.


Similar Part No. - LM25183-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
More results

Similar Description - LM25183-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183 TI1-LM25183_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183_V01 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25184-Q1 TI1-LM25184-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LM25184-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated MOSFET
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
LM25180 TI1-LM25180 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated Power MOSFET
LM25184 TI1-LM25184 Datasheet
1Mb / 37P
[Old version datasheet]   LM25184 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated Power MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181-Q1 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com