Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2619 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2619
Description  MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2619 Datasheet(HTML) 50 Page - Texas Instruments

Back Button MSP430F2619 Datasheet HTML 46Page - Texas Instruments MSP430F2619 Datasheet HTML 47Page - Texas Instruments MSP430F2619 Datasheet HTML 48Page - Texas Instruments MSP430F2619 Datasheet HTML 49Page - Texas Instruments MSP430F2619 Datasheet HTML 50Page - Texas Instruments MSP430F2619 Datasheet HTML 51Page - Texas Instruments MSP430F2619 Datasheet HTML 52Page - Texas Instruments MSP430F2619 Datasheet HTML 53Page - Texas Instruments MSP430F2619 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 120 page
background image
50
MSP430F2619, MSP430F2618, MSP430F2617, MSP430F2616
MSP430F2419, MSP430F2418, MSP430F2417, MSP430F2416
SLAS541L – JUNE 2007 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F2619 MSP430F2618 MSP430F2617 MSP430F2616 MSP430F2419 MSP430F2418
MSP430F2417 MSP430F2416
Specifications
Copyright © 2007–2020, Texas Instruments Incorporated
(1)
The leakage current is defined in the leakage current table with P6.x/Ax parameter.
(2)
The analog input voltage range must be within the selected reference voltage range VR+ to VR- for valid conversion results.
(3)
The internal reference supply current is not included in current consumption parameter IADC12.
(4)
The internal reference current is supplied via terminal AVCC. Consumption is independent of the ADC12ON control bit, unless a
conversion is active. The REFON bit enables settling of the built-in reference before starting an A/D conversion.
(5)
Not production tested, limits verified by design.
5.43 12-Bit ADC Power Supply and Input Range Conditions
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
AVCC
Analog supply voltage
AVCC and DVCC are connected together,
AVSS and DVSS are connected together,
V(AVSS) = V(DVSS) = 0 V
2.2
3.6
V
V(P6.x/Ax)
Analog input voltage
range(2)
All P6.0/A0 to P6.7/A7 terminals, Analog inputs
selected in ADC12MCTLx register,
P6Sel.x = 1, 0
≤ × ≤ 7,
V(AVSS) ≤ VP6.x/Ax ≤ V(AVCC)
0
VAVCC
V
IADC12
Operating supply current
into AVCC terminal
(3)
fADC12CLK = 5 MHz,
ADC12ON = 1, REFON = 0,
SHT0 = 0, SHT1 = 0, ADC12DIV = 0
2.2 V
0.65
0.8
mA
3 V
0.8
1
IREF+
Operating supply current
into AVCC terminal
(4)
fADC12CLK = 5 MHz,
ADC12ON = 0, REFON = 1, REF2_5V = 1
3 V
0.5
0.7
mA
fADC12CLK = 5 MHz,
ADC12ON = 0, REFON = 1, REF2_5V = 0
2.2 V
0.5
0.7
3 V
0.5
0.7
CI
Input capacitance(5)
Only one terminal can be selected at one time,
P6.x/Ax
2.2 V
40
pF
RI
Input MUX ON
resistance(5)
0 V
≤ VAx ≤ VAVCC
3 V
2000
(1)
The external reference is used during conversion to charge and discharge the capacitance array. The input capacitance, CI, is also the
dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to allow the charge to settle for 12-bit accuracy.
(2)
The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
(3)
The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
(4)
The accuracy limits minimum external differential reference voltage. Lower differential reference voltage levels may be applied with
reduced accuracy requirements.
5.44 12-Bit ADC External Reference
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
VeREF+
Positive external reference voltage input
VeREF+ > VREF-/VeREF-
(2)
1.4
VAVCC
V
VREF-/VeREF-
Negative external reference voltage input
VeREF+ > VREF-/VeREF-
(3)
0
1.2
V
(VeREF+ – VREF-
/VeREF-)
Differential external reference voltage input
VeREF+ > VREF-/VeREF-
(4)
1.4
VAVCC
V
IVeREF+
Static leakage current
0 V
≤ VeREF+ ≤ VAVCC
2.2 V, 3 V
±1
µA
IVREF-/VeREF-
Static leakage current
0 V
≤ VeREF- ≤ VAVCC
2.2 V, 3 V
±1
µA


Similar Part No. - MSP430F2619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2619 TI1-MSP430F2619 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI-MSP430F2619S-HT Datasheet
1Mb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 99P
[Old version datasheet]   Mixed-Signal Microcontroller
More results

Similar Description - MSP430F2619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com