Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5507 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5507
Description  MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5507 Datasheet(HTML) 47 Page - Texas Instruments

Back Button MSP430F5507 Datasheet HTML 43Page - Texas Instruments MSP430F5507 Datasheet HTML 44Page - Texas Instruments MSP430F5507 Datasheet HTML 45Page - Texas Instruments MSP430F5507 Datasheet HTML 46Page - Texas Instruments MSP430F5507 Datasheet HTML 47Page - Texas Instruments MSP430F5507 Datasheet HTML 48Page - Texas Instruments MSP430F5507 Datasheet HTML 49Page - Texas Instruments MSP430F5507 Datasheet HTML 50Page - Texas Instruments MSP430F5507 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 125 page
background image
47
MSP430F5510, MSP430F5509, MSP430F5508
MSP430F5507, MSP430F5506, MSP430F5505, MSP430F5504
MSP430F5503, MSP430F5502, MSP430F5501, MSP430F5500
www.ti.com
SLAS645L – JULY 2009 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F5510 MSP430F5509 MSP430F5508 MSP430F5507 MSP430F5506 MSP430F5505
MSP430F5504 MSP430F5503 MSP430F5502 MSP430F5501 MSP430F5500
Specifications
Copyright © 2009–2020, Texas Instruments Incorporated
5.42 USB Output Ports (DP and DM)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
D+, D- single ended
USB 2.0 load conditions
2.8
3.6
V
VOL
D+, D- single ended
USB 2.0 load conditions
0
0.3
V
Z(DRV)
D+, D- impedance
Including external series resistor of 27
28
44
tRISE
Rise time
Full speed, differential, CL = 50 pF,
10%/90%, Rpu on D+
4
20
ns
tFALL
Fall time
Full speed, differential, CL = 50 pF,
10%/90%, Rpu on D+
4
20
ns
5.43 USB Input Ports (DP and DM)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VCM
Differential input common mode range
0.8
2.5
V
ZIN
Input impedance
300
k
VCRS
Crossover voltage
1.3
2.0
V
VIL
Static SE input logic low level
0.8
V
VIH
Static SE input logic high level
2.0
V
VDI
Differential input voltage
0.2
V
(1)
This voltage is for internal use only. No external DC loading should be applied.
(2)
This represents additional current that can be supplied to the application from the VUSB terminal beyond the needs of the USB
operation.
(3)
A current overload is detected when the total current supplied from the USB LDO, including IUSB_EXT, exceeds this value.
(4)
Does not include current contribution of Rpu and Rpd as outlined in the USB specification.
(5)
This value, in series with an external resistor between PUR and D+, produces the Rpu as outlined in the USB specification.
5.44 USB-PWR (USB Power System)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VLAUNCH
VBUS detection threshold
3.75
V
VBUS
USB bus voltage
Normal operation
3.76
5.5
V
VUSB
USB LDO output voltage
3.3
±9%
V
V18
Internal USB voltage(1)
1.8
V
IUSB_EXT
Maximum external current from VUSB
terminal(2)
USB LDO is on
12
mA
IDET
USB LDO current overload detection(3)
60
100
mA
ISUSPEND
Operating supply current into VBUS
terminal(4)
USB LDO on,
USB PLL disabled
250
µA
IUSB_LDO
Operating supply current into VBUS terminal,
Represents the current of the 3.3-V LDO only
USB LDO on,
USB 1.8-V LDO disabled,
VBUS = 5 V,
USBDETEN = 0 or 1
1.8 V, 3 V
60
µA
IVBUS_DETECT
Operating supply current into VBUS terminal,
Represents the current of the VBUS
detection logic
USB LDO disabled,
USB 1.8-V LDO disabled,
VBUS > VLAUNCH,
USBDETEN = 1
1.8 V, 3 V
30
µA
CBUS
VBUS terminal recommended capacitance
4.7
µF
CUSB
VUSB terminal recommended capacitance
220
nF
C18
V18 terminal recommended capacitance
220
nF
tENABLE
Settling time VUSB and V18
Within 2%, recommended
capacitances
2
ms
RPUR
Pullup resistance of PUR terminal(5)
70
110
150


Similar Part No. - MSP430F5507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5507 TI1-MSP430F5507 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5507 TI1-MSP430F5507 Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5507IRGZ TI-MSP430F5507IRGZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI-MSP430F5507IRGZR Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI1-MSP430F5507IRGZR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com