Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5507 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5507
Description  MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5507 Datasheet(HTML) 55 Page - Texas Instruments

Back Button MSP430F5507 Datasheet HTML 51Page - Texas Instruments MSP430F5507 Datasheet HTML 52Page - Texas Instruments MSP430F5507 Datasheet HTML 53Page - Texas Instruments MSP430F5507 Datasheet HTML 54Page - Texas Instruments MSP430F5507 Datasheet HTML 55Page - Texas Instruments MSP430F5507 Datasheet HTML 56Page - Texas Instruments MSP430F5507 Datasheet HTML 57Page - Texas Instruments MSP430F5507 Datasheet HTML 58Page - Texas Instruments MSP430F5507 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 125 page
background image
55
MSP430F5510, MSP430F5509, MSP430F5508
MSP430F5507, MSP430F5506, MSP430F5505, MSP430F5504
MSP430F5503, MSP430F5502, MSP430F5501, MSP430F5500
www.ti.com
SLAS645L – JULY 2009 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F5510 MSP430F5509 MSP430F5508 MSP430F5507 MSP430F5506 MSP430F5505
MSP430F5504 MSP430F5503 MSP430F5502 MSP430F5501 MSP430F5500
Detailed Description
Copyright © 2009–2020, Texas Instruments Incorporated
6.8
RAM (Link to User's Guide)
The RAM is made up of n sectors. Each sector can be completely powered down to save leakage;
however, all data are lost. Features of the RAM include:
RAM has n sectors. The size of a sector can be found in Section 6.4.
Each sector 0 to n can be completely disabled; however, data retention is lost.
Each sector 0 to n automatically enters low-power retention mode when possible.
For devices that contain USB memory, the USB memory can be used as normal RAM if USB is not
required.
6.9
Peripherals
Peripherals are connected to the CPU through data, address, and control buses. Peripherals can be
handled using all instructions. For complete module descriptions, see the MSP430F5xx and MSP430F6xx
Family User's Guide.
6.9.1
Digital I/O (Link to User's Guide)
Up to six 8-bit I/O ports are implemented: for 64-pin options, P1, P2, P4, P6, and are complete, P5 is
reduced to 6-bit I/O, and P3 to 5-bit I/O. For 48-pin options, P6 is reduced to 4-bit I/O, P2 to 1-bit I/O, and
P3 is completely removed. Port PJ contains four individual I/O ports, common to all devices.
All individual I/O bits are independently programmable.
Any combination of input, output, and interrupt conditions is possible.
Pullup or pulldown on all ports is programmable.
Drive strength on all ports is programmable.
Edge-selectable interrupt and LPM4.5 wake-up input capability is available for all bits of ports P1 and
P2.
Read and write access to port-control registers is supported by all instructions.
Ports can be accessed byte-wise (P1 through P6) or word-wise in pairs (PA through PC).
6.9.2
Port Mapping Controller (Link to User's Guide)
The port mapping controller allows the flexible and reconfigurable mapping of digital functions to port P4
(see Table 6-7). Table 6-8 lists the default settings for all pins that support port mapping.
Table 6-7. Port Mapping Mnemonics and Functions
VALUE
PxMAPy MNEMONIC
INPUT PIN FUNCTION
OUTPUT PIN FUNCTION
0
PM_NONE
None
DVSS
1
PM_CBOUT0
Comparator_B output
PM_TB0CLK
TB0 clock input
2
PM_ADC10CLK
ADC10CLK
PM_DMAE0
DMAE0 input
3
PM_SVMOUT
SVM output
PM_TB0OUTH
TB0 high impedance input TB0OUTH
4
PM_TB0CCR0A
TB0 CCR0 capture input CCI0A
TB0 CCR0 compare output Out0
5
PM_TB0CCR1A
TB0 CCR1 capture input CCI1A
TB0 CCR1 compare output Out1
6
PM_TB0CCR2A
TB0 CCR2 capture input CCI2A
TB0 CCR2 compare output Out2
7
PM_TB0CCR3A
TB0 CCR3 capture input CCI3A
TB0 CCR3 compare output Out3
8
PM_TB0CCR4A
TB0 CCR4 capture input CCI4A
TB0 CCR4 compare output Out4
9
PM_TB0CCR5A
TB0 CCR5 capture input CCI5A
TB0 CCR5 compare output Out5
10
PM_TB0CCR6A
TB0 CCR6 capture input CCI6A
TB0 CCR6 compare output Out6


Similar Part No. - MSP430F5507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5507 TI1-MSP430F5507 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5507 TI1-MSP430F5507 Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5507IRGZ TI-MSP430F5507IRGZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI-MSP430F5507IRGZR Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI1-MSP430F5507IRGZR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com