Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL10B103KB8NNNC Datasheet(PDF) 8 Page - Samsung semiconductor

Part # CL10B103KB8NNNC
Description  Multi-layer Ceramic Capacitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL10B103KB8NNNC Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button CL10B103KB8NNNC Datasheet HTML 4Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 5Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 6Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 7Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 8Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 9Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 10Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 11Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MLCC Pro
1-5. BOX
1-5-1. Pack
REEL
Labe
1)
2)
3)
4)
5)
6)
1-5-2. Box
1) Dou
2) Avoi
3) Rem
※ If sp
1-5-3. 7" Bo
- Inner
- Outer
oduct Ma
package
kaging Label
L & Box Type
el includes th
Chip size
Temperature
Nominal Ca
Model Nam
LOT Numbe
Q’ty
Packaging
ble packagin
id any dama
mark informat
pecial packag
ox packaging
r Box (7" x 5
r Box (7" x 2
nual
e
he informatio
e Characteris
apacitance
me
er & Reel Nu
ng with the
ages during
tion of cont
ging is requi
g
REEL )
20 REEL)
on as below.
stics
umber
paper type o
transportatio
ents on inne
red, please c
w.
of inner box
on by car, ai
er box and o
contact us.
- I
-
x and outer b
irplane and s
outer box
nner Box (7"
- Outer Box
box.
ship.
" x 10 REEL)
(7" x 60 REE
[ Unit : m
EL)
mm ]
8


Similar Part No. - CL10B103KB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10B103KB8NNN SAMSUNG-CL10B103KB8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
CL10B103KB8NNND SAMSUNG-CL10B103KB8NNND Datasheet
282Kb / 3P
   CAP, 10nF, 50V, 짹10%, X7R, 0603
More results

Similar Description - CL10B103KB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7222KFCA01 TAIYO-YUDEN-MAASE063SB7222KFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com