Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FG479 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FG479
Description  MSP430FG47x Mixed-Signal Microcontrollers
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FG479 Datasheet(HTML) 51 Page - Texas Instruments

Back Button MSP430FG479 Datasheet HTML 47Page - Texas Instruments MSP430FG479 Datasheet HTML 48Page - Texas Instruments MSP430FG479 Datasheet HTML 49Page - Texas Instruments MSP430FG479 Datasheet HTML 50Page - Texas Instruments MSP430FG479 Datasheet HTML 51Page - Texas Instruments MSP430FG479 Datasheet HTML 52Page - Texas Instruments MSP430FG479 Datasheet HTML 53Page - Texas Instruments MSP430FG479 Datasheet HTML 54Page - Texas Instruments MSP430FG479 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
51
MSP430FG479, MSP430FG478, MSP430FG477
www.ti.com
SLAS580E – OCTOBER 2008 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430FG479 MSP430FG478 MSP430FG477
Detailed Description
Copyright © 2008–2020, Texas Instruments Incorporated
(1)
Access and key violations, KEYV and ACCVIFG.
(2)
Multiple source flags
(3)
A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0h to 01FFh).
(Non)maskable: the individual interrupt-enable bit can disable an interrupt event, but the general-interrupt enable cannot disable it.
(4)
Interrupt flags are located in the module.
(5)
In SPI mode: UCB0RXIFG. In I2C mode: UCALIFG, UCNACKIFG, ICSTTIFG, UCSTPIFG.
(6)
In UART/SPI mode: UCB0TXIFG. In I2C mode: UCB0RXIFG, UCB0TXIFG.
6.4
Interrupt Vector Addresses
The interrupt vectors and the power-up start address are in the address range 0FFFFh to 0FFC0h. The
vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence.
If the reset vector (located at address 0xFFFE) contains 0xFFFF (for example, flash is not programmed)
the CPU goes into LPM4 immediately after power-up.
Table 6-3. Interrupt Sources, Flags, and Vectors
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM
INTERRUPT
WORD
ADDRESS
PRIORITY
Power-Up
External Reset
Watchdog
Flash Memory
PC Out-of-Range(1)
PORIFG
RSTIFG
WDTIFG
KEYV (2)
Reset
0FFFEh
15, highest
NMI
Oscillator Fault
Flash Memory Access Violation
NMIIFG (2) (3)
OFIFG(2) (3)
ACCVIFG(2) (4)
(Non)maskable
(Non)maskable
(Non)maskable
0FFFCh
14
Timer_B3
TBCCR0 CCIFG0(4)
Maskable
0FFFAh
13
Timer_B3
TBCCR1 CCIFG1 and TBCCR2 CCIFG2,
TBIFG(2)(4)
Maskable
0FFF8h
12
Comparator_A
CAIFG
Maskable
0FFF6h
11
Watchdog Timer+
WDTIFG
Maskable
0FFF4h
10
USCI_A0, USCI_B0 Receive,
USCI_B0 I2C status
UCA0RXIFG, UCB0RXIFG(2)(5)
Maskable
0FFF2h
9
USCI_A0, USCI_B0 Transmit,
USCI_B0 I2C receive/transmit
UCA0TXIFG, UCB0TXIFG (2)(6)
Maskable
0FFF0h
8
SD16_A
SD16CCTLx SD16OVIFG, SD16CCTLx SD16IFG
(2) (4)
Maskable
0FFEEh
7
Timer_A3
TACCR0 CCIFG0(4)
Maskable
0FFECh
6
Timer_A3
TACCR1 CCIFG1 and TACCR2 CCIFG2,
TAIFG(2) (4)
Maskable
0FFEAh
5
I/O Port P1 (8 Flags)
P1IFG.0 to P1IFG.7(2) (4)
Maskable
0FFE8h
4
DAC12
DAC12_0IFG, DAC12_1IFG
Maskable
0FFE6h
3
Maskable
0FFE4h
2
I/O Port P2 (8 Flags)
P2IFG.0 to P2IFG.7 (2) (4)
Maskable
0FFE2h
1
Basic Timer 1, RTC
BTIFG
Maskable
0FFE0h
0, lowest


Similar Part No. - MSP430FG479

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FG479 TI1-MSP430FG479 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430FG479IPN TI-MSP430FG479IPN Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPN TI1-MSP430FG479IPN Datasheet
2Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPNR TI-MSP430FG479IPNR Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPNR TI1-MSP430FG479IPNR Datasheet
2Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430FG479

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com