Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FG4619 Datasheet(PDF) 47 Page - Texas Instruments

Part # MSP430FG4619
Description  MSP430FG461x, MSP430CG461x Mixed-Signal Microcontrollers
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FG4619 Datasheet(HTML) 47 Page - Texas Instruments

Back Button MSP430FG4619_V01 Datasheet HTML 43Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 44Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 45Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 46Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 47Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 48Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 49Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 50Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
47
MSP430FG4619, MSP430FG4618, MSP430FG4617, MSP430FG4616
MSP430CG4619, MSP430CG4618, MSP430CG4617, MSP430CG4616
www.ti.com
SLAS508K – APRIL 2006 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430FG4619 MSP430FG4618 MSP430FG4617 MSP430FG4616 MSP430CG4619
MSP430CG4618 MSP430CG4617 MSP430CG4616
Specifications
Copyright © 2006–2020, Texas Instruments Incorporated
(1)
Lower 64KB or upper 64KB flash memory erased.
(2)
All flash memory erased.
(3)
The cumulative program time must not be exceeded during a block-write operation. This parameter is only relevant if the block write
feature is used.
(4)
These values are hardwired into the flash controller state machine (tFTG = 1/fFTG).
5.45
Flash Memory (FG461x Devices Only)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(PGM/ERASE)
Program and erase supply voltage
2.7
3.6
V
fFTG
Flash timing generator frequency
257
476
kHz
IPGM
Supply current from DVCC during program
2.7 V, 3.6 V
3
5
mA
IERASE
Supply current from DVCC during erase
(1)
2.7 V, 3.6 V
3
7
mA
IGMERASE
Supply current from DVCC during global mass erase
(2)
2.7 V, 3.6 V
6
14
mA
tCPT
Cumulative program time
(3)
2.7 V, 3.6 V
10
ms
tCMErase
Cumulative mass erase time
2.7 V, 3.6 V
20
ms
Program and erase endurance
104
105
cycles
tRetention
Data retention duration
TJ = 25°C
100
years
tWord
Word or byte program time
(4)
30
tFTG
tBlock, 0
Block program time for 1st byte or word
25
tBlock, 1-63
Block program time for each additional byte or word
18
tBlock, End
Block program end-sequence wait time
6
tMass Erase
Mass erase time
10593
tGlobal Mass Erase
Global mass erase time
10593
tSeg Erase
Segment erase time
4819
(1)
fTCK may be restricted to meet the timing requirements of the module selected.
(2)
TMS, TDI/TCLK, and TCK pullup resistors are implemented in all versions.
5.46
JTAG Interface
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fTCK
TCK input frequency
(1)
2.2 V
0
5
MHz
3 V
0
10
RInternal
Internal pullup resistance on TMS, TCK, TDI/TCLK
(2)
2.2 V, 3 V
25
60
90
k
(1)
After the fuse is blown, no further access to the MSP430 JTAG/Test and emulation features is possible. The JTAG block is switched to
bypass mode.
5.47
JTAG Fuse
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC(FB)
Supply voltage during fuse-blow condition
TA = 25°C
2.5
V
VFB
Voltage level on TDI/TCLK for fuse-blow (FG461x)
6
7
V
IFB
Supply current into TDI/TCLK during fuse blow
100
mA
tFB
Time to blow fuse
1
ms


Similar Part No. - MSP430FG4619_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI1-MSP430FG4619IPZ Datasheet
1Mb / 111P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430FG4619_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com